Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 14Page - Analog Devices ADPA7008 Datasheet HTML 15Page - Analog Devices ADPA7008 Datasheet HTML 16Page - Analog Devices ADPA7008 Datasheet HTML 17Page - Analog Devices ADPA7008 Datasheet HTML 18Page - Analog Devices ADPA7008 Datasheet HTML 19Page - Analog Devices ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
ADPA7008
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 28
The architecture of the ADPA7008, a medium power amplifier, is
shown in Figure 67. The ADPA7008 uses two cascaded, four-stage
amplifiers operating in quadrature between six 90° hybrids.
The input signal is divided evenly into two, and then each signal
is divided into two again. Each of these new paths are amplified
through four independent gain stages. The amplified signals are
then combined at the output. This balanced amplifier approach
forms an amplifier with a combined gain of 17.5 dB and a PSAT
value of 31 dBm.
The quadrature hybrid couplers ensure good broadband input and
output return loss matching across the full 20 GHz to 54 GHz
frequency range of the ADPA7008. See the application circuits
shown in Figure 68 and Figure 69 for further details on biasing the
various blocks.
A portion of the RF output signal is directionally coupled to a diode
for detection of the RF POUT. When the diode is dc biased, the
diode rectifies the RF power and makes the RF power available
for measurement as a dc voltage at VDET. To allow temperature
compensation of VDET, an identical and symmetrically located cir-
cuit, minus the coupled RF power, is available via VREF. Taking the
difference of VREF − VDET provides a temperature compensated
signal that is proportional to the RF output (see Figure 67).
Figure 67. ADPA7008 Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com