Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 2 Page - Analog Devices

  ADPA7008 Datasheet HTML 1Page - Analog Devices ADPA7008 Datasheet HTML 2Page - Analog Devices ADPA7008 Datasheet HTML 3Page - Analog Devices ADPA7008 Datasheet HTML 4Page - Analog Devices ADPA7008 Datasheet HTML 5Page - Analog Devices ADPA7008 Datasheet HTML 6Page - Analog Devices ADPA7008 Datasheet HTML 7Page - Analog Devices ADPA7008 Datasheet HTML 8Page - Analog Devices ADPA7008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet
ADPA7008
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 28
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
20 GHz to 22 GHz Frequency Range................ 3
22 GHz to 40 GHz Frequency Range................ 3
40 GHz to 50 GHz Frequency Range ............... 4
50 GHz to 54 GHz Frequency Range ............... 4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Ratings ..............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Interface Schematics..........................................6
Typical Performance Characteristics..................... 7
Lower Bias Operation.......................................15
Theory of Operation.............................................18
Applications Information...................................... 19
Typical Application Circuits ..............................19
Biasing the ADPA7008 with the Low Noise
LTM8063............................................................21
Biasing ADPA7008 with the HMC980LP4E.........24
Application Circuit Setup.................................. 24
Limiting VGATE for the ADPA7008 VGGx
Absolute Maximum Rating Requirement........24
HMC980LP4E Bias Sequence......................... 25
Constant Drain Current Biasing vs.
Constant Gate Voltage Biasing...................... 26
Constant IDD Operation.................................... 26
Outline Dimensions............................................. 28
Ordering Guide.................................................28
Evaluation Boards............................................ 28
REVISION HISTORY
7/2021—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com