Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADUC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 40Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 41Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 42Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 43Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 44Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 45Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 46Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 47Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 44 of 98
REMAP Register
Name:
REMAP
Address:
0xFFFF0220
Default value:
0x00
Access:
Read/write
Table 36. REMAP MMR Bit Designations
Bit
Name
Description
7 to 5
Reserved.
4
Read-only bit. Indicates the size of the
Flash/EE memory available. If this bit is set,
only 32 kB of Flash/EE memory is available.
3
Read-only bit. Indicates the size of the
SRAM memory available. If this bit is set,
only 4 kB of SRAM is available.
2 to 1
JTAFO
Read only bits. See the P0.0/BM description
for further details. The kernel sets these bits
to [11] if BM = 0 and 0x80014 ≠
0xFFFFFFFF at reset.
If these bits are set to [00], then P0.1/P0.2/
P0.3 are configured as JTAG pins. P0.1/P0.2
cannot be used as GPIO. P0.3 can be used
as GPIO, but this disables JTAG access.
If these bits are set to [1x], then P0.1/P0.2/
P0.3 are configured as GPIO pins. P0.1/P0.2/
P0.3 can also be used as JTAG, but JTAG
access is disabled if they are used as GPIO.
These bits are configured by the kernel
after any reset sequence and depend on
the state of P0.0 and the value at Address
0x80014 during the last reset sequence.
0
Remap
Remap bit.
This bit is set by the user to remap the
SRAM to Address 0x00000000.
This bit is cleared automatically after reset
to remap the Flash/EE memory to Address
0x00000000.
Reset Operation
There are four kinds of reset: external, power-on, watchdog
expiration, and software force. The RSTSTA register indicates
the source of the last reset, and RSTCLR allows clearing of the
RSTSTA register. These registers can be used during a reset
exception service routine to identify the source of the reset. If
RSTSTA is null, the reset is external.
The RSTCFG register allows different peripherals to retain their
state after a watchdog or software reset.
RSTSTA Register
Name:
RSTSTA
Address:
0xFFFF0230
Default value:
0x01
Access:
Read/write
Table 37. RSTSTA MMR Bit Designations
Bit
Description
7 to 3
Reserved.
2
Software reset.
This bit is set by the user to force a software reset.
This bit is cleared by setting the corresponding bit
in RSTCLR.
1
Watchdog timeout.
This bit is set automatically when a watchdog
timeout occurs.
This bit is cleared by setting the corresponding bit
in RSTCLR.
0
Power-on reset.
This bit is set automatically when a power-on reset
occurs.
This bit is cleared by setting the corresponding bit
in RSTCLR.
RSTCLR Register
Name:
RSTCLR
Address:
0xFFFF0234
Default value:
0x00
Access:
Write
Function:
Note that to clear the RSTSTA register, users
must write the Value 0x07 to the RSTCLR
register.
RSTCFG Register
Name:
RSTCFG
Address:
0xFFFF024C
Default value:
0x00
Access:
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com