Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADUC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 43Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 44Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 45Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 46Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 47Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 48Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 49Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 50Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 47 of 98
mode only. In 0-to-VREF mode (with VREF < AVDD), the lower
nonlinearity is similar. However, the upper portion of the transfer
function follows the ideal line right to the end (VREF in this case, not
AVDD), showing no signs of endpoint linearity errors.
AVDD
AVDD – 100mV
100mV
0x00000000
0x0FFF0000
Figure 33. Endpoint Nonlinearities Due to Amplifier Saturation
The endpoint nonlinearities conceptually illustrated in Figure 33
get worse as a function of output loading. Most of the ADuC7023
data sheet specifications assume a 5 kΩ resistive load to ground
at the DAC output. As the output is forced to source or sink more
current, the nonlinear regions at the top or bottom of Figure 33
become larger, respectively. With larger current demands, this
can significantly limit output voltage swing.
References to ADC and the DACs
ADC and DACs can be configured to use internal VREF or an
external reference as a reference source. Internal VREF must
work with an external 0.47 μF capacitor. Note that if an external
reference is used, the DACs will no longer meet offset and gain
specifications. If an external reference is required for the ADC,
then the DACs should be configured to use the 0 to AVDD
range.
Table 42. Reference Source Selection for ADC and DAC
REFCON Bit 0
DACxCON[1:0]
Description
0
00
ADC works with external
reference. DACs power down.
0
01
Reserved.
0
10
Reserved.
0
11
ADC works with external
reference. DACs work with
internal AVDD.
1
00
ADC works with internal
VREF. DACs power down.
1
01
ADC and DACs work with an
external reference. The
external reference must be
capable of overdriving the
internal reference.
1
10
ADC and DACs work with
internal VREF.
1
11
ADC works with internal VREF.
DACs work with internal AVDD.
Configuring DAC Buffers in Op Amp Mode
In op amp mode, the DAC output buffers are used as an op
amp with the DAC itself disabled.
If DACBCFG Bit 0 is set, ADC0 is the positive input to the op
amp, ADC1 is the negative input, and DAC0 is the output. In
this mode, the DAC should be powered down by clearing Bit 0
and Bit 1 of DAC0CON.
If DACBCFG Bit 1 is set, ADC2 is the positive input to the op
amp, ADC3 is the negative input, and DAC1 is the output. In
this mode, the DAC should be powered down by clearing Bit 0
and Bit 1 of DAC1CON.
If DACBCFG Bit 2 is set, ADC4 is the positive input to the op
amp, ADC5 is the negative input, and DAC2 is the output. In
this mode, the DAC should be powered down by clearing Bit 0
and Bit 1 of DAC2CON.
If DACBCFG Bit 3 is set, ADC8 is the positive input to the op
amp, ADC9 is the negative input, and DAC3 is the output. In
this mode, the DAC should be powered down by clearing Bit 0
and Bit 1 of DAC3CON.
DACBCFG Register
Name:
DACBCFG
Address:
0xFFFF0654
Default value:
0x00
Access:
Read/write
Table 43. DACBCFG MMR Bit Designations
Bit
Description
7 to 4
Reserved. Always set to 0.
3
This bit is set to 1 to configure DAC3 output
buffer in op amp mode.
This bit is cleared for the DAC buffer to
operate as normal.
2
This bit is set to 1 to configure DAC2 output
buffer in op amp mode.
This bit is cleared for the DAC buffer to
operate as normal.
1
This bit is set to 1 to configure DAC1 output
buffer in op amp mode.
This bit is cleared for the DAC buffer to
operate as normal.
0
This bit is set to 1 to configure DAC0 output
buffer in op amp mode.
This bit is cleared for the DAC buffer to
operate as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com