Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADUC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 82Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 83Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 84Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 85Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 86Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 87Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 88Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 89Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 86 of 98
The Timer0 interface consists of four MMRs: T0LD, T0VAL,
T0CON, and T0CLRI.
T0LD Register
Name:
T0LD
Address:
0xFFFF0300
Default value:
0x0000
Access:
Read/write
T0LD is a 16-bit load register that holds the 16-bit value that is
loaded into the counter.
T0VAL Register
Name:
T0VAL
Address:
0xFFFF0304
Default Value:
0xFFFF
Access:
Read
T0VAL is a 16-bit read-only register representing the current
state of the counter.
T0CON Register
Name:
T0CON
Address:
0xFFFF0308
Default value:
0x0000
Access:
R/W
T0CON is the configuration MMR described in Table 102.
Table 102. T0CON MMR Bit Descriptions
Bit
Value
Description
15 to 8
Reserved.
7
Timer0 enable bit.
This bit is set by the user to enable Timer0. This
bit is cleared by the user to disable Timer0 by
default.
6
Timer0 mode.
This bit is set by the user to operate in
periodic mode.
This bit is cleared by the user to operate in
free-running mode. Default mode.
5 to 4
Clock select bits.
00
HCLK.
01
UCLK.
10
Internal 32768 Hz oscillator.
11
Reserved.
3 to 2
00
Source clock/1. Default value.
01
Source clock/16.
10
Source clock/256.
11
Undefined. Equivalent to 00.
1 to 0
Reserved.
T0CLRI Register
Name:
T0CLRI
Address:
0xFFFF030C
Default value:
0xXX
Access:
Write
T0CLRI is an 8-bit register. Writing any value to this register
clears the interrupt.
The following is the recommended procedure for servicing the
Timer 0 interrupt:
void
IRQ_Handler(void) __irq
{
if(IRQSTA & BIT2) // Timer0 IRQ?
{
T0CLRI = 0;
//clear Timer0 interrupt
T0CON = 0x00; //disable Timer0 interrupt
T0CON = 0xC8; //enable Timer0 interrupt
}
}
Timer1 (General-Purpose Timer)
Timer1 is a general-purpose, 32-bit timer (count down or count
up) with a programmable prescaler. The source can be the 32 kHz
external crystal, the undivided system, the core clock, or P1.1
(maximum frequency 44 MHz). This source can be scaled by a
factor of 1, 16, 256, or 32,768.
The counter can be formatted as a standard 32-bit value or as
hours, minutes, seconds, hundredths.
Timer1 has a capture register (T1CAP) that can be triggered by
a selected IRQ source initial assertion. This feature can be used
to determine the assertion of an event more accurately than the
precision allowed by the RTOS timer when the IRQ is serviced.
Timer1 can be used to start ADC conversions as shown in the
block diagram in Figure 43.
32kHz OSCILLATOR
HCLK
UCLK
P1.1
IRQ[19:0]
PRESCALER
/1, 16, 256,
OR 32,768
32-BIT
UP/DOWN
COUNTER
32-BIT
LOAD
TIMER1
VALUE
CAPTURE
TIMER1 IRQ
ADC CONVERSION
Figure 43. Timer1 Block Diagram
The Timer1 interface consists of five MMRs: T1LD, T1VAL,
T1CON, T1CLRI, and T1CAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com