Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADUC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 44Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 45Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 46Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 47Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 48Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 49Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 50Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 51Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 48 of 98
DACBKEY0 Register
Name:
DACBKEY0
Address:
0xFFFF0650
Default value:
0x0000
Access:
Write
DACBKEY1 Register
Name:
DACBKEY1
Address:
0xFFFF0658
Default value:
0x0000
Access:
Write
Table 44. DACBCFG Write Sequence
Name
Code
DACBKEY0
0x9A
DACBCFG
User value
DACBKEY1
0x0C
POWER SUPPLY MONITOR
The power supply monitor regulates the IOVDD supply on the
ADuC7023. It indicates when the IOVDD supply pin drops
below a supply trip point. The monitor function is controlled
via the PSMCON register. If enabled in the IRQEN or FIQEN
register, the monitor interrupts the core using the PSMI bit in
the PSMCON MMR. This bit is immediately cleared when
CMP goes high.
This monitor function allows the user to save working registers
to avoid possible data loss due to low supply or brownout
conditions. It also ensures that normal code execution does not
resume until a safe supply level has been established.
PSMCON Register
Name:
PSMCON
Address:
0xFFFF0440
Default value:
0x0008
Access:
Read/write
Table 45. PSMCON MMR Bit Descriptions
Bit
Name
Description
3
CMP
Comparator bit. This is a read-only bit that
directly reflects the state of the comparator.
Read 1 indicates the IOVDD supply is above its
selected trip point, or the PSM is in power-down
mode. Read 0 indicates the IOVDD supply is
below its selected trip point. This bit should be
set before leaving the interrupt service routine.
2
TP
Trip point selection bits.
0 = 2.79 V.
1 = reserved.
1
PSMEN
Power supply monitor enable bit.
This bit is set to 1 to enable the power supply
monitor circuit.
This bit is cleared to 0 to disable the power
supply monitor circuit.
0
PSMI
Power supply monitor interrupt bit. This bit is set
high by the MicroConverter once CMP goes low,
indicating low I/O supply. The PSMI bit can be
used to interrupt the processor. Once CMP
returns high, the PSMI bit can be cleared by
writing a 1 to this location. A 0 write has no
effect. There is no timeout delay; PSMI can be
immediately cleared once CMP goes high.
COMPARATOR
The ADuC7023 integrates voltage comparators. The positive
input is multiplexed with ADC2, and the negative input has
two options: ADC3 or DAC0. The output of the comparator
can be configured to generate a system interrupt, be routed
directly to the programmable logic array, start an ADC
conversion, or be on an external pin, COMPOUT, as shown in
Figure 34.
MUX
IRQ
MUX
DAC0
ADC2/CMP0
ADC3/CMP1
P0.5/COMPOUT
Figure 34. Comparator
Hysteresis
Figure 35 shows how the input offset voltage and hysteresis
terms are defined. Input offset voltage (VOS) is the difference
between the center of the hysteresis range and the ground level.
This can either be positive or negative. The hysteresis voltage
(VH) is ½ the width of the hysteresis range.
COMPOUT
CMP0
VH
VH
VOS
Figure 35. Comparator Hysteresis Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com