Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADUC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 84Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 85Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 86Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 87Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 88Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 89Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 90Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 91Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 88 of 98
Timer2 (Watchdog Time)
Timer2 has two modes of operation: normal mode and watchdog
mode. The watchdog timer is used to recover from an illegal
software state. When enabled, it requires periodic servicing to
prevent it from forcing a processor reset.
Normal Mode
Timer2 in normal mode is identical to Timer0, except for the
clock source and the count-up functionality. The clock source
is 32 kHz from the PLL and can be scaled by a factor of 1, 16, or
256 (see Figure 44).
32.768kHz
PRESCALER
1, 4, 16, OR 256
16-BIT
UP/DOWN
COUNTER
16-BIT
LOAD
TIMER2
VALUE
TIMER2 IRQ
WATCHDOG RESET
Figure 44. Timer2 Block Diagram
Watchdog Mode
Watchdog mode is entered by setting Bit 5 in the T2CON MMR.
Timer2 decreases from the value present in the T2LD register
until 0. T2LD is used as the timeout. The maximum timeout
can be 512 sec using the prescaler/256, and full-scale in T2LD.
Timer3 is clocked by the internal 32 kHz crystal when operating
in the watchdog mode. To enter watchdog mode successfully,
Bit 5 in the T2CON MMR must be set after writing to the T2LD
MMR.
If the timer reaches 0, a reset or an interrupt occurs, depending
on Bit 1 in the T2CON register. To avoid reset or interrupt, any
value must be written to T2CLRI before the expiration period. This
reloads the counter with T2LD and begins a new timeout period.
When watchdog mode is entered, T2LD and T2CON are write-
protected. These two registers cannot be modified until a reset
clears the watchdog enable bit, which causes Timer2 to exit
watchdog mode.
The Timer2 interface consists of four MMRs: T2LD, T2VAL,
T2CON, and T2CLRI.
T2LD Register
Name:
T2LD
Address:
0xFFFF0360
Default
value:
0x0000
Access:
Read/write
T2LD is a 16-bit register load register that holds the 16-bit
value that is loaded into the counter.
T2VAL Register
Name:
T2VAL
Address:
0xFFFF0364
Default
value:
0xFFFF
Access:
Read
T2VAL is a 16-bit read-only register that represents the current
state of the counter.
T2CON Register
Name:
T2CON
Address:
0xFFFF0368
Default
value:
0x0000
Access:
Read/write
T2CON is the configuration MMR described in Table 104.
Table 104. T2CON MMR Bit Descriptions
Bit
Value
Description
15 to 9
Reserved.
8
Count up.
This bit is set by the user for Timer2 to count up.
This bit is cleared by the user for Timer2 to
count down by default.
7
Timer2 enable bit.
This bit is set by the user to enable Timer2. This
bit is cleared by user to disable Timer2 by
default.
6
Timer2 mode.
This bit is set by user to operate in periodic
mode.
This bit is cleared by the user to operate in free-
running mode. Default mode.
5
Watchdog mode enable bit.
This bit is set by the user to enable watchdog
mode.
This bit is cleared by the user to disable
watchdog mode by default.
4
Secure clear bit.
This bit is set by the user to use the secure clear
option.
This bit is cleared by the user to disable the
secure clear option by default.
3 to 2
Prescale.
00
Source clock/1 by default.
01
Source clock/16.
10
Source clock/256.
11
Undefined. Equivalent to 00.
1
Watchdog IRQ Option Bit.
This bit is set by the user to produce an IRQ
instead of a reset when the watchdog reaches 0.
This bit is cleared by the user to disable the IRQ
option.
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com