Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6515 Datasheet(PDF) 39 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 39 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 32Page - Analog Devices SSM6515 Datasheet HTML 33Page - Analog Devices SSM6515 Datasheet HTML 34Page - Analog Devices SSM6515 Datasheet HTML 35Page - Analog Devices SSM6515 Datasheet HTML 36Page - Analog Devices SSM6515 Datasheet HTML 37Page - Analog Devices SSM6515 Datasheet HTML 38Page - Analog Devices SSM6515 Datasheet HTML 39Page - Analog Devices SSM6515 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
SSM6515
REGISTER DETAILS: I2C REGISTER MAP
analog.com
Rev. 0 | 39 of 40
Table 36. Bit Descriptions for STATUS
Bits
Bit Name
Settings
Description
Reset
Access
5
SPT_ERR
Serial Port Error Status.
0x0
R
0
Normal operation.
1
Serial port error condition.
4
CLK_ERR
Clock Ratio Error Status.
0x0
R
0
Normal operation.
1
Clock ratio error condition.
3
UVLO
Undervoltage Fault Condition.
0x0
R
0
Normal operation.
1
PVDD undervoltage fault detected.
2
OTW
Overtemperature Warning Status.
0x0
R
0
Normal operation.
1
Overtemperature warning condition.
1
OTF
Overtemperature Fault Status.
0x0
R
0
Normal operation.
1
Amplifier overtemperature fault condition.
0
OCP
Amplifier Overcurrent Fault Status.
0x0
R
0
Normal operation.
1
Amplifier overcurrent fault condition.
SOFT RESET REGISTER
Address: 0x14, Reset: 0x00, Name: RESET
Table 37. Bit Descriptions for RESET
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
SOFT_FULL_RESET
Software Full Reset of Entire IC.
0x0
W
0
No action taken.
1
Write value of 1 to perform a full reset of the device.
[3:1]
RESERVED
Reserved.
0x0
R
0
SOFT_RESET
Software Reset Not Including Register Settings.
0x0
W
0
No action taken.
1
Write value of 1 to perform a soft reset of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com