Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6515 Datasheet(PDF) 21 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 21 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 17Page - Analog Devices SSM6515 Datasheet HTML 18Page - Analog Devices SSM6515 Datasheet HTML 19Page - Analog Devices SSM6515 Datasheet HTML 20Page - Analog Devices SSM6515 Datasheet HTML 21Page - Analog Devices SSM6515 Datasheet HTML 22Page - Analog Devices SSM6515 Datasheet HTML 23Page - Analog Devices SSM6515 Datasheet HTML 24Page - Analog Devices SSM6515 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
SSM6515
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 40
I2C Read and Write Operations
Figure 36 shows the timing of a single-word write operation. Every
ninth clock, the SSM6515 issues an acknowledge by pulling SDA
low.
Figure 37 shows the timing of a burst mode write sequence. Figure
37 shows an example in which the target destination registers are
two bytes. The SSM6515 increments its subaddress register every
byte because the requested subaddress corresponds to a register
or memory area with a byte word length.
The timing of a single word read operation is shown in Figure
38. The first R/W bit is 0, indicating a write operation followed
by the subaddress of the register to be read. After the SSM6515
acknowledges the receipt of the subaddress, the master must issue
a repeated start command followed by the chip address byte with
the R/W set to 1 (read). The SSM6515 acknowledges and puts 8-bit
data on the SDA pin. The master then responds every ninth pulse
with an acknowledge pulse to the SSM6515.
Figure 36 through Figure 39 use the following abbreviations:
►
S is the start bit
►
P is the stop bit
►
AM is the acknowledge by master
►
AS is the acknowledge by slave
Figure 36. Single Word I2C Write Format
Figure 37. Burst Mode I2C Write Format
Figure 38. Single Word I2C Read Format
Figure 39. Burst Mode I2C Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com