Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6515 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 20Page - Analog Devices SSM6515 Datasheet HTML 21Page - Analog Devices SSM6515 Datasheet HTML 22Page - Analog Devices SSM6515 Datasheet HTML 23Page - Analog Devices SSM6515 Datasheet HTML 24Page - Analog Devices SSM6515 Datasheet HTML 25Page - Analog Devices SSM6515 Datasheet HTML 26Page - Analog Devices SSM6515 Datasheet HTML 27Page - Analog Devices SSM6515 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Data Sheet
SSM6515
REGISTER SUMMARY: I2C REGISTER MAP
analog.com
Rev. 0 | 24 of 40
Table 16. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
VENDOR_ID
[7:0]
VENDOR
0x41
R
0x01
DEVICE_ID1
[7:0]
DEVICE1
0x65
R
0x02
DEVICE_ID2
[7:0]
DEVICE2
0x15
R
0x03
REVISION
[7:0]
REV
0x02
R
0x04
PWR_CTRL
[7:0]
RESERVED
LIM_EN
RESERVED
APWDN_EN SPWDN
0x01
R/W
0x05
CLK_CTRL
[7:0]
RESERVED
BCLK_RATE
0x00
R/W
0x06
PDM_CTRL
[7:0]
PDM_
PHASE_
SEL
RESERVED
PDM_FILT
PDM_CHAN
_SEL
PDM_FS
PDM_
MODE
0x20
R/W
0x07
DAC_CTRL1
[7:0]
DAC_IBIAS
DAC_PWR_MODE
DAC_FS
0x15
R/W
0x08
DAC_CTRL2
[7:0]
DAC_
INVERT
DAC_PERF
_MODE
DAC_HARD
_VOL
DAC_VOL_
ZC
DAC_MORE
_FILT
DAC_VOL_MODE
DAC_MUTE 0x13
R/W
0x09
DAC_CTRL3
[7:0]
DAC_HPF_FC
RESERVED
DAC_HPF_
EN
0xD0
R/W
0x0A DAC_VOL
[7:0]
DAC_VOL
0x40
R/W
0x0B DAC_CLIP
[7:0]
DAC_HF_CLIP
0xFF
R/W
0x0C SPT_CTRL1
[7:0]
SPT_LRCLK
_POL
SPT_BCLK_
POL
SPT_SLOT_WIDTH
SPT_DATA_FORMAT
SPT_SAI_
MODE
0x00
R/W
0x0D SPT_CTRL2
[7:0]
RESERVED
SPT_SLOT_SEL
0x00
R/W
0x0E AMP_CTRL
[7:0]
RESERVED
OCP_EN
AMP_RLOAD
EMI_MODE AMP_LPM
0x14
R/W
0x0F LIM_CTRL
[7:0]
RESERVED
LIM_RRT
RESERVED
LIM_ATR
0x22
R/W
0x10
LIM_CTRL2
[7:0]
RESERVED
LIM_THRES
0x0A
R/W
0x11
FAULT_CTRL
[7:0]
RESERVED
MRCV
RESERVED ARCV_
UVLO
ARCV_OTF ARCV_OCP 0x00
R/W
0x12
STATUS_CLR
[7:0]
RESERVED
STAT_CLR
0x00
R/W
0x13
STATUS
[7:0]
LIM_EG
CLIP
SPT_ERR
CLK_ERR
UVLO
OTW
OTF
OCP
0x00
R
0x14
RESET
[7:0]
RESERVED
SOFT_FULL
_RESET
RESERVED
SOFT_
RESET
0x00
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com