Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6515 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 9Page - Analog Devices SSM6515 Datasheet HTML 10Page - Analog Devices SSM6515 Datasheet HTML 11Page - Analog Devices SSM6515 Datasheet HTML 12Page - Analog Devices SSM6515 Datasheet HTML 13Page - Analog Devices SSM6515 Datasheet HTML 14Page - Analog Devices SSM6515 Datasheet HTML 15Page - Analog Devices SSM6515 Datasheet HTML 16Page - Analog Devices SSM6515 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
SSM6515
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 40
Figure 24. Frequency Response, PDM, 16 Ω, BCLK = 3.072 MHz
Figure 25. Frequency Response, PDM, 16 Ω, BCLK = 6.144 MHz
Figure 26. Frequency Response, PDM, 16 Ω, BCLK = 12.288 MHz
Figure 27. PDM Latency, 16 Ω, PDM_FILT = 0
Figure 28. PDM Latency, 16 Ω, PDM_FILT = 1
Figure 29. PDM Latency, 16 Ω, PDM_FILT = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com