Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 12Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 13Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 14Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 15Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 16Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 17Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 18Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 19Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
16
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII management
8.1.1
eTSEC DC electrical characteristics
All MII and RGMII drivers and receivers comply with the DC parametric attributes specified in Table 21
and Table 22. The RGMII signals are based on a 2.5-V CMOS interface voltage as defined by JEDEC
EIA/JESD8-5.
8.2
MII and RGMII AC timing specifications
The AC timing specifications for MII and RGMII are presented in this section.
8.2.1
MII AC timing specifications
This section describes the MII transmit and receive AC timing specifications.
Table 21. MII DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 3.3 V
LVDD
—
3.0
3.6
V
Output high voltage
VOH
IOH = –4.0 mA
LVDD = Min
2.40
LVDD + 0.3
V
Output low voltage
VOL
IOL = 4.0 mA
LVDD= Min
VSS
0.50
V
Input high voltage
VIH
——
2.1
LVDD + 0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input high current
IIH
VIN
1 = LV
DD
—40
A
Input low current
IIL
VIN
1 = VSS
–600
—
A
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 22. RGMII DC Electrical Characteristics
Parameters
Symbol
Conditions
Min
Max
Unit
Supply voltage 2.5 V
LVDD
—2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDD = Min
2.00
LVDD + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDD= Min
VSS
– 0.3
0.40
V
Input high voltage
VIH
—LVDD = Min
1.7
LVDD + 0.3
V
Input low voltage
VIL
—LVDD = Min
–0.3
0.70
V
Input high current
IIH
VIN
1 = LV
DD
—15
A
Input low current
IIL
VIN
1 = VSS
–15
—
A
Note:
1. VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com