Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 71Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 72Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 73Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 74Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 75Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 76Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 77Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 78Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
75
Thermal
22.1
Thermal Characteristics
This table provides the package thermal characteristics for the 473, 19
 19 mm MAPBGA.
22.2
Thermal Management Information
For the following sections, PD = (VDD IDD) + PI/O, where PI/O is the power dissipation of the I/O drivers.
22.2.1
Estimation of Junction Temperature with Junction-to-Ambient
Thermal Resistance
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
TJ = TA + (RJA  PD)
where:
TJ = junction temperature (C)
TA = ambient temperature for the package (C)
RJA = junction-to-ambient thermal resistance (C/W)
PD = power dissipation in the package (W)
The junction-t-ambient thermal resistance is an industry standard value that provides a quick and easy
estimation of thermal performance. As a general statement, the value obtained on a single layer board is
Table 59. Package Thermal Characteristics for MAPBGA
Characteristic
Board Type
Symbol
Value
Unit
Note
Junction to Ambient Natural Convection
Single layer board (1s)
RJA
42
°C/W
1, 2
Junction to Ambient Natural Convection
Four layer board (2s2p)
RJA
27
°C/W
1, 2, 3
Junction to Ambient (@200 ft/min)
Single layer board (1s)
RJMA
35
°C/W
1, 3
Junction to Ambient (@200 ft/min)
Four layer board (2s2p)
RJMA
24
°C/W
1, 3
Junction to Board
—
RJB
17
°C/W
4
Junction to Case
—
RJC
9°C/W
5
Junction to Package Top
Natural Convection
JT
2°C/W
6
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com