Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 8Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 9Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 10Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 11Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 12Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 13Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 14Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 15Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
12
Freescale Semiconductor
DDR2 SDRAM
This figure illustrates the DDR2 input timing diagram showing the tDISKEW timing parameter.
Figure 4. Timing Diagram for tDISKEW
6.2.2
DDR2 SDRAM output AC timing specifications
Table 18. DDR2 SDRAM Output AC Timing Specifications
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time, MCK[n]/MCK[n] crossing
tMCK
7.5
10
ns
2
ADDR/CMD output setup with respect to MCK
266 MHz
tDDKHAS
2.9
—
ns
3
ADDR/CMD output hold with respect to MCK
266 MHz
tDDKHAX
2.33
—
ns
3
MCS[n] output setup with respect to MCK
266 MHz
tDDKHCS
2.5
—
ns
3
MCS[n] output hold with respect to MCK
266 MHz
tDDKHCX
3.15
—
ns
3
MCK to MDQS Skew
tDDKHMH
–0.6
0.6
ns
4
MDQ//MDM/MECC output setup with respect to
MDQS
266 MHz
tDDKHDS,
tDDKLDS
900
—
ps
5
MDQ//MDM/MECC output hold with respect to
MDQS
266 MHz
tDDKHDX,
tDDKLDX
1100
—
ps
5
MCK[n]
MCK[n]
tMCK
MDQ[x]/
MDQS[n]
tDISKEW
D1
D0
tDISKEW
MECC[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com