Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 16Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 17Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 18Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 19Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 20Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 21Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 22Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 23Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
20
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII management
This figure shows the RGMII AC timing and multiplexing diagrams.
Figure 11. RGMII AC Timing and Multiplexing Diagrams
8.3
Ethernet Management interface electrical characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO
(management data input/output) and MDC (management data clock). The electrical characteristics for MII
and RGMII are specified in Section 8.1, “Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—MII/RGMII electrical characteristics.”
8.3.1
MII Management DC electrical characteristics
The MDC and MDIO are defined to operate at a supply voltage of 3.3 V. This table provides the DC
electrical characteristics for MDIO and MDC.
Table 26. MII Management DC Electrical Characteristics When Powered at 3.3 V
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage (3.3 V)
NVDD
—3.0
3.6
V
Output high voltage
VOH
IOH = –1.0 mA
NVDD = Min
2.10
NVDD +0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com