Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 66Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 67Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 68Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 69Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 70Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 71Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 72Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 73Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
70
Freescale Semiconductor
Package and Pin Listings
VSS
A2, A21, B1, B19, B23, C4, C16, D6, D19, E3, F8, F15, F17, F23,
G7, G8, G10, G15, G16, G17, G20, H2, H6, H7, H17, H23, J7, J9,
J10, J11, J12, J13, J14, J15, K9, K10, K11, K12, K13, K14, K15,
L1, L7, L9, L10, L11, L12, L13, L14, L15, L20, M4, M9, M10, M11,
M12, M13, M14, M15, N9, N10, N11, N12, N13, N14, N15, P6, P7,
P9, P10, P11, P12, P13, P14, P15, R2, R7, R9, R10, R11, R12,
R13, R14, R15, R22, T6, T7, U8, U17, U21, V2, V7, V9, V11, W20,
Y8, Y15, AA4, AB1, AB6, AB12, AB19, AC2, AC9, AC23
I
—
—
NVDDA
B7, B10, C7, D9, F9
I
—
—
NVDDB
A16, A19, C18
I
—
—
NVDDC
A23, B22, D23, E20, G18
I
—
—
NVDDF
G22, J22, K17
I
—
—
NVDDG
M17, N22
I
—
—
NVDDH
P17, R20, T17, T23, W22, Y22
I
—
—
NVDDJ
AB23, AA22
I
—
—
NVDDP_K
U10, U14, Y5, Y18, AA11, AB8, AB16, AB22, AC4,
AC13
I
—
—
GVDD
A1, A6, B3, D1, F1, F6, G4, J1, J4, K7, N1, N7, T1, T4, U7, Y3, AC1
I
—
—
XPADVDD
D15, F10, F14
I
—
—
XPADVSS
A10, B15, D14, G13, G14, H12
I
—
—
XCOREVDD
A14, B12, C13
I
—
—
XCOREVSS
A12, B14, C11, D11, D13, G11, H11, H13
I
—
—
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
) should be placed on this pin to NV
DD
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
) should be placed on this pin to NV
DD
3. This output is actively driven during reset rather than being three-stated during reset.
4. This pin has weak internal pull-up that is always enabled.
5. This pin must always be tied to VSS.
6. Internal thermally sensitive resistor, resistor value varies linearly with temperature. Useful for determining the junction
temperature.
7. The LB_POR_CFG_BOOT_ECC is sampled only during the PORESET negation. This pin with an internal pull down resistor
enables the ECC by default. To disable the ECC an external strong pull up resistor or a buffer released to high impedance is
needed.
8. This pin has weak internal pull-down that is always enabled
9. A weak pull-up resistor (2–10 k
) should be placed on this pin to NV
DD
10. Configure SICRH register to program the pin as GPIO. Refer to MPC8308 reference manual for more details.
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin
Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com