Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP431
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP431 Datasheet HTML 3Page - Sipex Corporation SP431 Datasheet HTML 4Page - Sipex Corporation SP431 Datasheet HTML 5Page - Sipex Corporation SP431 Datasheet HTML 6Page - Sipex Corporation SP431 Datasheet HTML 7Page - Sipex Corporation SP431 Datasheet HTML 8Page - Sipex Corporation SP431 Datasheet HTML 9Page - Sipex Corporation SP431 Datasheet HTML 10Page - Sipex Corporation SP431 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
PIN ASSIGNMENTS
Pin 1 — DI
1 — Driver 1 TTL input.
Pin 2 — D0
1A — Non-inverted driver output.
Pin 3 — D0
1B — Inverted driver output.
Pin 4 — ENABLE — Driver output enable,
active HIGH.
Pin 5 — D0
2B — Inverted driver output.
Pin 6 — D0
2A — Non-inverted driver output.
Pin 7 — DI
2 — Driver 2 TTL input.
Pin 8 — GND — Ground.
Pin 9 — DI
3 — Driver 3 TTL input.
PINOUT
VCC
DI2
1
2
3
4
13
14
5
6
7
D03A
D01A
D01B
ENABLE
D02B
D02A
D03B
DI1
ENABLE
D04B
D04A
DI4
8
9
GND
DI3
10
12
11
15
16
SP431
Pin 10 — D0
3A — Non-inverted driver output.
Pin 11 — D0
3B — Inverted driver output.
Pin 12 — ENABLE — Driver output enable,
active LOW.
Pin 13 — D0
4B — Inverted driver output.
Pin 14 — D0
4A — Non-inverted driver output.
Pin 15 — DI
4 — Driver 4 TTL input.
Pin 16 — V
CC
— +3.0V to +3.6V power
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com