Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP431
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431 Datasheet(HTML) 4 Page - Sipex Corporation

  SP431 Datasheet HTML 1Page - Sipex Corporation SP431 Datasheet HTML 2Page - Sipex Corporation SP431 Datasheet HTML 3Page - Sipex Corporation SP431 Datasheet HTML 4Page - Sipex Corporation SP431 Datasheet HTML 5Page - Sipex Corporation SP431 Datasheet HTML 6Page - Sipex Corporation SP431 Datasheet HTML 7Page - Sipex Corporation SP431 Datasheet HTML 8Page - Sipex Corporation SP431 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
SPECIFICATIONS (continued)
NOTE 4: Skew is defined as the difference in propagation delays between complementary outputs at the 50% input.
NOTE 5: Output disable time is the delay from ENABLE or ENABLE being switched to the output transistors turning off.
The actual disable times are less than indicated due to the delay added by the RC time constant of the load.
NOTE 6: C
PD determines the no load dynamic power consumption, PD = (CPDVCC
2 f) + (I
CCVCC), and the no load dynamic
current consumption, I
S = (CPDVCCf) + ICC.
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +3.6V, Tamb = 25°C, tr < 6ns, tf < 6ns,
and all MIN and MAX limits apply across the recommended operating temperature range.
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
H
C
T
I
W
S
t
,
s
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
D
H
L
P
t
,
D
L
H
P
5s
n3
e
r
u
g
i
F
w
e
k
S5
.
0s
n4
e
t
o
N
,
3
e
r
u
g
i
F
t
,
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
u
O
l
a
i
t
n
e
r
e
f
f
i
D
H
L
T
t
,
L
H
P
3s
n3
e
r
u
g
i
F
t
,
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
H
Z
P
3
1s
n5
e
r
u
g
i
F
t
,
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
L
Z
P
8s
n5
e
r
u
g
i
F
t
,
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
Z
H
P
8s
n5
e
t
o
N
,
5
e
r
u
g
i
F
t
,
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
Z
L
P
6s
n5
e
t
o
N
,
5
e
r
u
g
i
F
C
,
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
D
P
0
5F
p6
e
t
o
N
C
,
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
N
I
6F
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com