Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP431
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431 Datasheet(HTML) 2 Page - Sipex Corporation

  SP431 Datasheet HTML 1Page - Sipex Corporation SP431 Datasheet HTML 2Page - Sipex Corporation SP431 Datasheet HTML 3Page - Sipex Corporation SP431 Datasheet HTML 4Page - Sipex Corporation SP431 Datasheet HTML 5Page - Sipex Corporation SP431 Datasheet HTML 6Page - Sipex Corporation SP431 Datasheet HTML 7Page - Sipex Corporation SP431 Datasheet HTML 8Page - Sipex Corporation SP431 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
V
CC........................................................................................0.5V to 7.0V
V
IN (DC Input Voltage).............................................-1.5V to (VCC + 1.5V)
V
OUT (DC Output Voltage)......................................................-0.5V to 7V
I
IK, IOK (Clamp Diode Current)........................................................±20mA
I
OUT (DC Output Current, per pin)................................................±150mA
I
CC (DC VCC or GND Current, per pin)..........................................±150mA
T
STG (Storage Temperature Range)...............................-65°C to +150°C
Storage Temperature....................................................-65
°C to +150°C
Power Dissipation Per Package
16-pin PDIP (derate 14.3mW/oC above +70oC).........................1150mW
16-pin NSOIC (derate 13.6mW/oC above +70oC)......................1100mW
Figure 1. SP431 Block Diagram
ENABLE
ENABLE
DI4
DI3
DI2
DI1
DO
4
A DO
4
B DO
3
A DO
3
B DO
2
A DO
2
B DO
1
A DO
1
B
VCC
GND
INPUTS
OUTPUTS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability and cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com