Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP431
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431 Datasheet(HTML) 1 Page - Sipex Corporation

  SP431 Datasheet HTML 1Page - Sipex Corporation SP431 Datasheet HTML 2Page - Sipex Corporation SP431 Datasheet HTML 3Page - Sipex Corporation SP431 Datasheet HTML 4Page - Sipex Corporation SP431 Datasheet HTML 5Page - Sipex Corporation SP431 Datasheet HTML 6Page - Sipex Corporation SP431 Datasheet HTML 7Page - Sipex Corporation SP431 Datasheet HTML 8Page - Sipex Corporation SP431 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
High Speed, +3.3V Quad RS-422
Differential Line Driver
The SP431 is a quad differential line driver that meets the specifications of the EIA standard
RS-422 serial protocol. The SP431 features Sipex's BiCMOS process allowing low power
operational characteristics of CMOS technology while meeting all of the demands of the
RS-422 serial protocol over 60Mbps under load. The RS-422 protocol allows up to 10
receivers to be connected to a multipoint bus transmission line. The SP431 features a driver
enable control common to all four drivers and a tri-state output. Since the cabling can be as
long as 4,000 feet, the RS-422 drivers of the SP431 are equipped with a wide common-mode
output voltage range to accomodate ground potential differences.
s Compatible with the EIA standard for
RS-422 serial protocol
s Quad Differential Line Drivers
s Tri-state Output Control
s At Least 60Mbps Transmission Rates
s 6.0ns Typical Driver Propagation Delays
s Less than 1ns Typical Output Skew
s Single +3.3V Supply Operation
s Common Driver Enable Control
s Compatibility with the industry standard
26LV31
DESCRIPTION
ENABLE
ENABLE
DI4
DI3
DI2
DI1
DO
4
A DO
4
B DO
3
A DO
3
B DO
2
A DO
2
B DO
1
A DO
1
B
VCC
GND
INPUTS
OUTPUTS
VCC
DI2
1
2
3
4
13
14
5
6
7
D03A
D01A
D01B
ENABLE
D02B
D02A
D03B
DI1
ENABLE
D04B
D04A
DI4
8
9
GND
DI3
10
12
11
15
16
SP431
SP431
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP431

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
SP431 INTERSIL-SP431 Datasheet
144Kb / 17P
Serial I/O Filter
May 1999
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431A SYNC-POWER-SP431A Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431AS23RGB SYNC-POWER-SP431AS23RGB Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
SP431AS89RGB SYNC-POWER-SP431AS89RGB Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - SP431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9638 NSC-DS9638 Datasheet
199Kb / 6P
RS-422 Dual High Speed Differential Line Driver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
Quad RS-422 Differential Line Driver Radiation Hardened
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
DS9638QML TI1-DS9638QML Datasheet
229Kb / 10P
RS-422 Dual High Speed Differential Line Driver
DS9638CM TI-DS9638CM Datasheet
810Kb / 12P
DS9638 RS-422 Dual High Speed Differential Line Driver
DS9638 TI1-DS9638_15 Datasheet
825Kb / 12P
RS-422 Dual High Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com