Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP431
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431 Datasheet(HTML) 5 Page - Sipex Corporation

  SP431 Datasheet HTML 1Page - Sipex Corporation SP431 Datasheet HTML 2Page - Sipex Corporation SP431 Datasheet HTML 3Page - Sipex Corporation SP431 Datasheet HTML 4Page - Sipex Corporation SP431 Datasheet HTML 5Page - Sipex Corporation SP431 Datasheet HTML 6Page - Sipex Corporation SP431 Datasheet HTML 7Page - Sipex Corporation SP431 Datasheet HTML 8Page - Sipex Corporation SP431 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
Figure 4. Driver Single-Ended TRI-STATE Test Circuit
Figure 5. Driver Single-Ended TRI-STATE Waveforms
Figure 2. AC Test Circuit
Figure 3. Propagation Delays
AC TEST CIRCUITS AND SWITCHING TIME WAVEFORMS
D
Generator
Driver
Enabled
DI
X
50
Ω
CL
CL
CL
RL
D0
XA
D0
XB
Figure 6. Differential Rise and Fall Times
tTLH
tTHL
3.0V
0.0V
INPUT
OUTPUT
(DIFFERENTIAL)
10%
90%
90%
10%
Input pulse: f = 1MHz, 50%
tr < 6ns
tf < 6ns
f=1 MHz tR < 10ns, tF < 10ns
1.5V
1.5V
tPLHD
tPHLD
DRIVER
INPUT DIX
DIFFERENTIAL
OUTPUT
20%
20%
0V
0V
tTLH
tTHL
80%
80%
V
DIFF = VA - VB
0V (Differential)
0V
3V
GND
VOH
VOL
DRIVER D0
XB
DRIVER D0
XA
VCC
S1
ENABLE
D0
X
A
S2
D0
X
B
CL
110
Ω
Test
Point
S3
VCC
If ENABLE is the input, then ENABLE = HIGH
If ENABLE is the input, then ENABLE = LOW
ENABLE
ENABLE
1.5V
3V
1.5V
0V
t
PHZ
t
PLZ
V
OL+ 0.3V
t
PZH
1.3V
V
OH
GND
t
PZL
V
CC
V
OL
1.3V
Input = ENABLE or ENABLE
S1= VCC
S2 = D0
XB
S3 = GND
and/or
S1 = GND
S2 = D0
XA
S3 = GND
Input = ENABLE or ENABLE
S1= GND
S2 = D0
XB
S3 = VCC
and/or
S1 = VCC
S2 = D0
XA
S3 = VCC
V
OH = 0.3V
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com