Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22LS-240PVT Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLC10G22LS-240PVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BLC10G22LS-240PVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
3 of 17
BLC10G22LS-240PVT
Power LDMOS transistor
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLC10G22LS-240PVT is capable of withstanding a load mismatch corresponding to
VSWR = 10 : 1 through all phases under the following conditions: VDS =28 V;
IDq = 1600 mA; 2-carrier W-CDMA signal; PL = 120 W average; fc = 2110 MHz;
5 MHz spacing; 46 % clipping.
Table 6.
DC characteristics
Tj = 25 C per section, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =0.6 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 149 mA
1.5
2.0
-
V
VGSq
gate-source quiescent voltage
VDS = 28 V; ID = 800 mA
1.65
2.15 2.75
V
IDSS
drain leakage current
VGS =0V; VDS =32V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 2.37 V;
VDS =10 V
-28
-
A
IGSS
gate leakage current
VGS =9V; VDS = 0 V
-
-
140
nA
gfs
forward transconductance
VDS =20 V; ID =7.5 A
-
16
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.95 V;
ID =5.3 A
-0.1
-
Table 7.
RF characteristics
Test signal: 2-carrier W-CDMA; 3GPP test model 1 with 64 DPCH; PAR = 8.4 dB at 0.01 %
probability on the CCDF; f1 = 2112.5 MHz; f2 = 2117.5 MHz; f3 = 2162.5 MHz; f4 = 2167.5 MHz;
RF performance at VDS =28V; IDq =1600mA; Tcase =25 C; unless otherwise specified; in a water
cooled class-AB test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) = 60 W
18.5
19.7
-
dB
D
drain efficiency
PL(AV) =60 W
27
30
-
%
RLin
input return loss
PL(AV) =60 W
-
14
10
dB
ACPR5M adjacent channel power ratio (5 MHz) PL(AV) =60 W
-
30
26
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com