Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22LS-240PVT Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLC10G22LS-240PVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
BLC10G22LS-240PVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
5 of 17
BLC10G22LS-240PVT
Power LDMOS transistor
7.3 Test circuit
Printed-Circuit Board (PCB): Rogers RO4350B with a thickness of 0.76 mm.
See Table 9 for a list of components.
Fig 2.
Component layout for test circuit
Table 9.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
1.3 pF
ATC 800A
C2
multilayer ceramic chip capacitor
1
F
Murata
C3
multilayer ceramic chip capacitor
100 nF
Murata
C4, C6, C15
multilayer ceramic chip capacitor
33 pF
ATC 800B
C5, C8, C13, C16
multilayer ceramic chip capacitor
4.7
F, 50 V
Murata
C7, C14
multilayer ceramic chip capacitor
220 nF
Murata
C9, C12
electrolytic capacitor
> 470
F, 63 V
low ESR
C10
multilayer ceramic chip capacitor
1.3 pF
ATC 800A
C11
multilayer ceramic chip capacitor
1.5 pF
ATC 800A
R1
resistor
4.7
, 1 % tolerance
SMD 0805
50 mm
60 mm
amp00197
C11
C10
C16
C13
C15
C14
C2
C1
C8
C3
C9
C7
C12
C5
C6
C4
R1
50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com