Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22LS-240PVT Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLC10G22LS-240PVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1. Product profile
1.1 General description
240 W LDMOS power transistor with enhanced video bandwidth for base station
applications at frequencies from 2110 MHz to 2200 MHz.
[1]
Test signal: 3GPP test model 1; 64 DPCH; PAR = 8.4 dB at 0.01 % probability on CCDF per carrier;
5 MHz carrier spacing.
1.2 Features and benefits
Excellent ruggedness
Excellent video bandwidth enabling full band operation
High efficiency
Low thermal resistance providing excellent thermal stability
Designed for low memory effects providing excellent pre-distortability
Internally matched for ease of use
Integrated ESD protection
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
RF power amplifiers for base stations and multi carrier applications in the
2110 MHz to 2200 MHz frequency range
BLC10G22LS-240PVT
Power LDMOS transistor
Rev. 2 — 24 May 2017
Product data sheet
Table 1.
Typical performance
Typical RF performance at Tcase = 25 C in a common source class-AB production test circuit.
Test signal
f
IDq
VDS
PL(AV)
Gp
D
ACPR5M
(MHz)
(mA)
(V)
(W)
(dB)
(%)
(dBc)
2-carrier W-CDMA
2110 to 2170
1600
28
60
19.7
30
30 [1]


Similar Part No. - BLC10G22LS-240PVT

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLC10G22XS-301AVT AMPLEON-BLC10G22XS-301AVT Datasheet
1Mb / 14P
Power LDMOS transistor
Rev. 1 ??30 April 2020
BLC10G22XS-400AVT AMPLEON-BLC10G22XS-400AVT Datasheet
1Mb / 16P
Power LDMOS transistor
Rev. 1 ??30 April 2018
BLC10G22XS-401AVT AMPLEON-BLC10G22XS-401AVT Datasheet
1Mb / 14P
Power LDMOS transistor
Rev. 1 - 20 May 2022
BLC10G22XS-551AVT AMPLEON-BLC10G22XS-551AVT Datasheet
1Mb / 15P
Power LDMOS transistor
Rev. 2 ??7 November 2019
BLC10G22XS-570AVT AMPLEON-BLC10G22XS-570AVT Datasheet
1Mb / 15P
Power LDMOS transistor
Rev. 1 ??10 June 2021
More results

Similar Description - BLC10G22LS-240PVT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com