Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22LS-240PVT Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLC10G22LS-240PVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 12Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 13Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 14Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BLC10G22LS-240PVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
10 of 17
BLC10G22LS-240PVT
Power LDMOS transistor
VDS =28V; IDq = 1600 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
Fig 17. Input return loss as a function of output power; typical values
VDS =28V; IDq = 1600 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
VDS =28V; IDq = 1600 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
Fig 18. Adjacent channel power ratio (5 MHz) as a
function of output power; typical values
Fig 19. Adjacent channel power ratio (10 MHz) as a
function of output power; typical values
amp00212
28
32
36
40
44
48
52
10
14
18
22
26
30
PL (dBm)
RL
RLin
in
RLin
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
amp00213
28
32
36
40
44
48
52
-60
-50
-40
-30
-20
PL (dBm)
ACPR
ACPR5M
5M
ACPR5M
(dBc)
(dBc)
(dBc)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp00214
28
32.8
37.6
42.4
47.2
52
-60
-52
-44
-36
-28
-20
PL (dBm)
ACPR
ACPR10M
10M
ACPR10M
(dBc)
(dBc)
(dBc)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com