Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22LS-240PVT Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLC10G22LS-240PVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BLC10G22LS-240PVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
4 of 17
BLC10G22LS-240PVT
Power LDMOS transistor
7.2 Impedance information
[1]
ZS and ZL defined in Figure 1.
[2]
at 3 dB gain compression.
Table 8.
Typical impedance
Measured load-pull data per section; IDq = 800 mA; VDS = 28 V; pulsed CW (tp = 100 s; =10 %).
f
ZS [1]
ZL [1]
PL [2]
D [2]
Gp [2]
(MHz)
(
)
(
)
(W)
(%)
(dB)
Maximum power load
2110
4.0
 j9.8
2.4
 j6.2
201.1
59.1
16.3
2140
4.7
 j10.7
2.4
 j6.2
205.1
59.3
16.4
2170
6.0
 j10.8
2.2
 j6.4
205.3
60.1
16.7
Maximum drain efficiency load
2110
4.0
 j9.8
3.1
 j4.4
164.7
67.8
18.1
2140
4.7
 j10.7
3.1
 j4.3
163.3
67.4
18.4
2170
6.0
 j10.8
2.8
 j4.5
163.0
67.2
18.4
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com