Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M8LS300P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLC2425M8LS300P
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M8LS300P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLC2425M8LS300P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BLC2425M8LS300P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Poduct data sheet
Rev. 3 — 17 June 2016
4 of 12
BLC2425M8LS300P
Power LDMOS transistor
7.3 Test circuit
Fig 1.
Definition of transistor impedance
001aak544
gate 1
gate 2
drain 2
drain 1
ZS
ZL
Printed-Circuit Board (PCB): Rogers RT/Duroid 6035HTC; thickness = 0.762 mm;
thickness copper plating = 35
m.
See Table 9 for a list of components.
Fig 2.
Component layout for production test circuit
Table 9.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1, C2, C3, C12, C13
multilayer ceramic chip capacitor
36 pF
ATC 800B
C4, C6, C15, C17
multilayer ceramic chip capacitor
10
F, 50 V
C5, C7, C14, C16
multilayer ceramic chip capacitor
470 nF, 50 V
C8, C9
multilayer ceramic chip capacitor
1.4 pF
ATC 100B
C10, C11
multilayer ceramic chip capacitor
1.8 pF
ATC 100B
C18, C19
multilayer ceramic chip capacitor
24 pF
ATC 800R
aaa-016352
R2
R1
C3
C7
C6
C1
60 mm
40 mm
40 mm
C4 C5
C2
R3
C12
C18
C19
C16
C17
C13
C14
C15
C11
C10
C8
C9
C21
C20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com