Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M8LS300P Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLC2425M8LS300P
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M8LS300P Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLC2425M8LS300P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 12Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BLC2425M8LS300P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Poduct data sheet
Rev. 3 — 17 June 2016
8 of 12
BLC2425M8LS300P
Power LDMOS transistor
8. Package outline
Fig 10. Package outline SOT1250-1
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1250-1
13-09-03
16-05-20
Plastic earless flanged cavity package; 4 leads
SOT1250-1
sot1250-1_po
Unit
mm
max
nom
min
4.65
4.18
11.79
11.58
31.34
31.14
9.60
9.20
16.71
16.51
2.33
2.13
A
Dimensions (mm dimensions are derived from the original inch dimension)
b1
D1
EE1
HQ(1)
U1
32.33
32.13
10.23
10.03
U2
0.18
0.13
c
31.44
31.04
D
1.83
1.63
9.50
9.30
F
13.72
e
25.50
25.30
H1
w1
0.50
0.50
v
0.50
w2
0.10
y
Q
c
A
D
F
w1
B
D1
34
U2
A
e
B
U1
w2
B
b1
E
E1
10 mm
0
scale
5
H
vA
y
2
5
1
H1
Note
1. Dimension Q is measured 0.1 mm away from the flange.
2. Ringframe and/or ringframe glue shall not overhang at the side of the flange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com