Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M8LS300P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLC2425M8LS300P
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M8LS300P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLC2425M8LS300P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BLC2425M8LS300P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Poduct data sheet
Rev. 3 — 17 June 2016
5 of 12
BLC2425M8LS300P
Power LDMOS transistor
7.4 Graphical data
C20, C21
electrolytic capacitor
470
F, 63 V
R1
resistor
9.1
SMD 0805
R2, R3
resistor
5.1
SMD 0805
Table 9.
List of components …continued
See Figure 2 for component layout.
Component
Description
Value
Remarks
VDS =32V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS =32V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
Fig 3.
Power gain and drain efficiency as function of
output power; typical values
Fig 4.
Power gain and drain efficiency as function of
output power; typical values
aaa-016346
46
48
50
52
54
56
58
14
10
15
20
16
30
17
40
18
50
19
60
20
70
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-016347
0
100
200
300
400
500
510
10
20
15
30
20
40
25
50
30
60
35
70
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com