Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M8LS300P Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLC2425M8LS300P
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M8LS300P Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLC2425M8LS300P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1. Product profile
1.1 General description
300 W LDMOS power transistor for Industrial, Scientific and Medical (ISM) applications at
frequencies from 2400 MHz to 2500 MHz.
The BLC2425M8LS300P is designed for high-power CW applications and is assembled in
a high performance plastic package.
[1]
tp = 100 s;  =10%
1.2 Features and benefits
High efficiency
Easy power control
Excellent ruggedness
Excellent thermal stability
Integrated ESD protection
Designed for broadband operation (2400 MHz to 2500 MHz)
Internally matched
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
RF power amplifiers for CW applications in the 2400 MHz to 2500 MHz frequency
range such as ISM applications and heating
BLC2425M8LS300P
Power LDMOS transistor
Rev. 3 — 17 June 2016
Poduct data sheet
Table 1.
Typical performance
RF performance at VDS =32 V; IDq =20 mA; Tcase = 25 C in a class-AB application circuit.
Test signal
f
VDS
PL(AV)
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
2450
32
300
17.0
58.0
CW pulsed [1]
2450
32
300
17.5
61.0


Similar Part No. - BLC2425M8LS300P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC2425M8LS300P PHILIPS-BLC2425M8LS300P_15 Datasheet
184Kb / 12P
Power LDMOS transistor
Rev. 1-3 July 2015
More results

Similar Description - BLC2425M8LS300P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com