Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M8LS300P Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLC2425M8LS300P
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M8LS300P Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLC2425M8LS300P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC2425M8LS300P Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BLC2425M8LS300P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Poduct data sheet
Rev. 3 — 17 June 2016
6 of 12
BLC2425M8LS300P
Power LDMOS transistor
VDS =32V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS =32V; IDq =20mA.
Fig 5.
Output power as a function of input power;
typical values
Fig 6.
Drain efficiency as a function of frequency;
typical values
VDS =32V; IDq =20mA.
VDS =32V; IDq =20mA.
Fig 7.
Power gain as a function of frequency; typical
values
Fig 8.
Input return loss as a function of frequency;
typical values
aaa-016348
25
30
35
40
45
45
47
49
51
53
55
57
Pi (dBm)
PL
PL
(dBm)
(dBm)
(dBm)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
aaa-016349
2300
2350
2400
2450
2500
2550
2600
45
49
53
57
61
65
f (MHz)
ηD
ηD
(%)
(%)
(%)
aaa-016350
2300
2350
2400
2450
2500
2550
2600
10
12
14
16
18
20
22
f (MHz)
Gp
Gp
(dB)
(dB)
(dB)
aaa-016351
2300
2350
2400
2450
2500
2550
2600
7
9
11
13
15
17
19
f (MHz)
RL
RLin
in
RLin
(dB)
(dB)
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com