Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS30 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS30
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS30 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF2425M9LS30 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLF2425M9L30_M9LS30
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 5 — 13 June 2019
3 of 12
BLF2425M9L30; BLF2425M9LS30
Power LDMOS transistor
5. Thermal characteristics
[1]
When operated with a CW signal.
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLF2425M9L30 and BLF2425M9LS30 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS = 32 V; IDq = 20 mA; PL = 30 W (CW); f = 2450 MHz.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ Unit
Rth(j-case) thermal resistance from junction to case
Tcase =50 C; PL = 30 W
[1] 0.9
K/W
Table 6.
DC characteristics
Tj = 25 C per section; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =0.3 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 30 mA
1.4
1.9
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =32 V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
-6.2
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
140
nA
gfs
forward transconductance
VDS =10V; ID =30mA
-
0.264 -
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =1 A
-0.41
0.76
Table 7.
RF characteristics
Test signal: CW at f = 2450 MHz; RF performance at VDS = 32 V; IDq = 20 mA; Tcase = 25 C; unless
otherwise specified; in a class-AB production test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 30 W
17
18.5 -
dB
RLin
input return loss
PL = 30 W
-
10
7dB
D
drain efficiency
PL = 30 W
57
61
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com