Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS30 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS30
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS30 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF2425M9LS30 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BLF2425M9L30_M9LS30
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 5 — 13 June 2019
5 of 12
BLF2425M9L30; BLF2425M9LS30
Power LDMOS transistor
7.3 Test circuit
Printed-Circuit Board (PCB): Duroid 6035HTC; height = 0.762 mm.
See Table 9 for a list of components.
Fig 2.
Component layout
Table 9.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1, C2, C4, C5
multilayer ceramic chip capacitor
15 pF
ATC100A150FT150XT
C3
multilayer ceramic chip capacitor
0.6 pF
ATC100A0R6BT150XTV
C6, C7
multilayer ceramic chip capacitor
0.8 pF
ATC100A0R8BT150XTV
C8, C10
multilayer ceramic chip capacitor
100 nF
GRM21BR71H104KA01L
C9, C11
multilayer ceramic chip capacitor
4.7
F
GRM32ER71H475KA88L
R1
SMD resistor
9.1
SMD 0603
aaa-018261
60 mm
40 mm
40 mm
C9
C8
C6
C3
C1
R1
C11
C4
C10
C7
C2
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com