Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS30 Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS30
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS30 Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLF2425M9LS30 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BLF2425M9L30_M9LS30
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 5 — 13 June 2019
6 of 12
BLF2425M9L30; BLF2425M9LS30
Power LDMOS transistor
7.4 Graphical data
VDS = 32 V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS = 32 V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
Fig 3.
Power gain and drain efficiency as function of
output power; typical values
Fig 4.
Power gain and drain efficiency as function of
output power; typical values
VDS = 32 V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS = 32 V; IDq = 20 mA; PL = 30 W.
Fig 5.
Output power as a function of input power;
typical values
Fig 6.
Power gain as a function of frequency; typical
values
aaa-014671
34
36
38
40
42
44
46
48
12
10
13.5
20
15
30
16.5
40
18
50
19.5
60
21
70
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-014672
0
5
10
15
20
25
30
35
40
12
10
13.5
20
15
30
16.5
40
18
50
19.5
60
21
70
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-014673
10
15
20
25
30
35
35
37
39
41
43
45
47
Pi (dBm)
PL
PL
(dBm)
(dBm)
(dBm)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
aaa-014675
2300
2350
2400
2450
2500
2550
2600
17
17.5
18
18.5
19
19.5
20
f (MHz)
Gp
Gp
(dB)
(dB)
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com