Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS30 Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS30
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS30 Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLF2425M9LS30 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 12Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BLF2425M9L30_M9LS30
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 5 — 13 June 2019
8 of 12
BLF2425M9L30; BLF2425M9LS30
Power LDMOS transistor
Fig 8.
Package outline SOT1135B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1135B
sot1135b_po
09-10-12
09-12-14
Unit(1)
mm
max
nom
min
4.65
3.76
5.26
5.00
9.65
9.40
9.65
9.40
9.65
9.40
9.65
9.40
19.94
18.92
A
Dimensions
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. dimension is measured 0.030 inch (0.76 mm) from the body.
Earless flanged ceramic package; 2 leads
SOT1135B
bc
0.18
0.10
DD1
EE1
F
1.14
0.89
HQ
1.70
1.45
U1
9.91
9.65
U2
9.91
9.65
w2
0.51
inches
max
nom
min
0.183
0.148
0.207
0.197
0.38
0.37
0.38
0.37
0.38
0.37
0.38
0.37
0.785
0.745
0.007
0.004
0.045
0.035
0.067
0.057
0.39
0.38
0.39
0.38
0.02
c
E
E1
Q
U1
U2
b
2
1
H
D
w2
05
10 mm
scale
A
D
F
D1
3
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com