Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS30 Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS30
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS30 Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF2425M9LS30 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF2425M9LS30 Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BLF2425M9L30_M9LS30
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 5 — 13 June 2019
7 of 12
BLF2425M9L30; BLF2425M9LS30
Power LDMOS transistor
8. Package outline
Fig 7.
Package outline SOT1135A
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1135A
sot1135a_po
09-10-12
09-12-14
Unit(1)
mm
max
nom
min
4.65
3.76
5.26
5.00
9.65
9.40
9.65
9.40
9.65
9.40
9.65
9.40
19.94
18.92
3.30
2.92
15.24
0.51
A
Dimensions
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. dimension is measured 0.030 inch (0.76 mm) from the body.
Flanged ceramic package; 2 mounting holes; 2 leads
SOT1135A
bc
0.18
0.10
DD1
EE1
F
1.14
0.89
Hp
Q
1.70
1.45
qU1
20.45
20.19
U2
9.91
9.65
w1
0.25
w2
inches
max
nom
min
0.183
0.148
0.207
0.197
0.38
0.37
0.38
0.37
0.38
0.37
0.38
0.37
0.785
0.745
0.130
0.115
0.6
0.02
0.007
0.004
0.045
0.035
0.067
0.057
0.805
0.795
0.39
0.38
0.01
A
D
F
D1
c
E
E1
Q
B
C
A
q
U1
U2
b
2
1
3
H
p
A
B
w1
C
w2
05
10 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com