Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
1
OUT1
10
V+
2
IN1–
9
OUT2
3
IN1+
8
IN2+
4
V–
7
IN2–
5
SHDN1
6
SHDN2
Not to scale
Thermal
Pad
Figure 6-9. OPA2310S DGQ Package
10-Pin HVSSOP
Top View
Table 6-4. Pin Functions: OPA2310S
PIN
I/O
DESCRIPTION
NAME
OPA2310S
X2QFN
HVSSOP
IN1–
9
2
I
Inverting input, channel 1
IN1+
10
3
I
Noninverting input, channel 1
IN2–
5
7
I
Inverting input, channel 2
IN2+
4
8
I
Noninverting input, channel 2
OUT1
8
1
O
Output, channel 1
OUT2
6
9
O
Output, channel 2
SHDN1
2
5
I
Shutdown: low = amp disabled, high = amp enabled, channel 1
SHDN2
3
6
I
Shutdown: low = amp disabled, high = amp enabled, channel 2
V–
1
4
I
Negative (low) supply or ground (for single-supply operation)
V+
7
10
I
Positive (high) supply
OPA310, OPA2310, OPA4310
SBOSAA1 – APRIL 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com