Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments OPA310 Datasheet HTML 20Page - Texas Instruments OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8.3 Feature Description
8.3.1 Operating Voltage
The OPAx310 series of operational amplifiers is fully specified from 1.8 V to 5.5 V and ensured for amplifier
operation from 1.5 V to 1.8 V. In addition, many specifications apply from –40°C to 125°C. Parameters that
vary significantly with operating voltages or temperature will be provided in the typical characteristics section at
product release. TI highly recommends to bypass power-supply pins with at least 0.01 μF ceramic capacitors.
8.3.2 Rail-to-Rail Input
The input common-mode voltage range of the OPAx310 series extends to either supply rails. This statement is
true even when operating at the ultra-low supply voltage of 1.5 V, all the way up to the standard supply voltage
of 5.5 V. This performance is achieved with a complementary input stage: an N-channel input differential pair in
parallel with a P-channel differential pair. Refer to the Functional Block Diagram for more details.
For most amplifiers with a complementary input stage, one of the input pairs, usually the P-channel input pair,
is designed to deliver slightly better performance in terms of input offset voltage, offset drift over the N-channel
pair. Consequently, the P-channel pair is designed to cover the majority of the common mode range with the
N-channel pair slated to slowly take over at a certain threshold voltage from the positive rail. Just after the
threshold voltage, both the input pairs are in operation for a small range referred to as the transition region.
Beyond this region, the N-channel pair completely takes over. Within the transition region, PSRR, CMRR, offset
voltage, offset drift, and THD can be degraded compared to device operation outside this region. Hence, most
applications generally prefer operating in the P-channel input range where the performance is slightly better.
For the OPAx310, the P-channel pair is typically active for input voltages from (V–) to (V+) – 0.4 V and the
N-channel pair is typically active for input voltages from the positive supply to (V+) – 0.4 V. The transition region
occurs typically from (V+) – 0.5 V to (V+) – 0.3 V, in which both pairs are on. These voltage levels mentioned
above can vary with process variations associated with threshold voltage of transistors. In the OPAx310, 200 mV
transition region mentioned above can vary up to 200 mV in either direction. Thus, the transition region (both
stages on) can range from (V+) – 0.7 V to (V+) – 0.5 V on the low end, up to (V+) – 0.3 V to (V+) – 0.1 V on the
high end.
8.3.3 Rail-to-Rail Output
Designed as a micro-power, high output current operational amplifier, the OPAx310 delivers a robust output drive
capability. A class AB output stage with common-source transistors is used to achieve full rail-to-rail output swing
capability. At room temperature and for resistive loads up to 2 kΩ, the output swings to within a maximum of
20 mV of either supply rail at 5.5 V power supply. Different load conditions change the ability of the amplifier to
swing close to the rails.
8.3.4 Capacitive Load and Stability
The OPAx310 is designed to be used in applications where driving a capacitive load is required. As with all
operational amplifiers, there can be specific instances where the OPAx310 can become unstable. The particular
operational amplifier circuit configuration, layout, gain, and output loading are some of the factors to consider
when establishing whether or not an amplifier is stable in operation. An operational amplifier in the unity-gain
(1 V/V) buffer configuration that drives a capacitive load exhibits a greater tendency to be unstable than an
amplifier operated at a higher noise gain. The capacitive load, in conjunction with the operational amplifier output
resistance, creates a pole within the feedback loop that degrades the phase margin. The degradation of the
phase margin increases when capacitive loading increases. When operating in the unity-gain configuration, the
OPAx310 remains stable with a pure capacitive load up to approximately 75 pF with a good phase margin of
45° typical and has no sustained oscillations up to 250 pF. The equivalent series resistance (ESR) of some
very large capacitors (CL greater than 1 μF) is sufficient to alter the phase characteristics in the feedback loop
such that the amplifier remains stable. Increasing the amplifier closed-loop gain allows the amplifier to drive
increasingly larger capacitance. This increased capability is evident when measuring the overshoot response of
the amplifier at higher voltage gains.
One technique for increasing the capacitive load drive capability of the amplifier operating in a unity-gain
configuration is to insert a small resistor (typically 10 Ω to 20 Ω) in series with the output, as shown in Figure 8-1.
OPA310, OPA2310, OPA4310
SBOSAA1 – APRIL 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com