Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments OPA310 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
8 Detailed Description
8.1 Overview
The OPAx310 family of opamps includes single (OPA310), dual (OPA2310), and quad-channel (OPA4310),
ultra-low-voltage (1.5 V to 5.5 V), high output current operational amplifiers (op amps) with rail-to-rail input and
output swing capabilities. The OPAx310 also features a very fast shutdown response and has a enable/disable
time specification of just 1 µs typical. This feature allows for power savings when the application involves duty
cycling the amplifier signal chain. OPAx310 has robust ESD performance with fail safe input ESD structure
where there are no diodes connected from inputs to the positive power supply rail.
OPAx310 is offered in power pad, standard, small size packages and has an internal current limit, thermal
shutdown protection that enables additional robustness when operating with high output current. OPAx310 can
swing very close to the rails and has a short circuit current of ±75 mA minimum across temperature at 5.5
V power supply while consuming just 165 μA of quiescent current. This combination of low voltage, low IQ,
and high output current capability makes this device quite unique and suitable for suitable for a wide range of
general-purpose and high current applications. Additional output current capability can be easily achieved by
connecting multiple op amps in parallel. These devices are excellent choice for LED driver, LCD driver, Laser
driver, TEC driver applications and can also be used as a reference buffer, guard amplifier or as a discrete LDO.
The input common-mode voltage range includes both rails, and allows the OPAx310 series to be used in many
single-supply or dual supply configurations. Rail-to-rail input and output swing significantly increases dynamic
range, especially in low-supply applications, and makes these devices ideal for driving low speed sampling
analog-to-digital converters (ADCs). Further, the class AB output stage is capable of driving smaller resistive
loads connected to any point between V+ and ground.
The OPAx310 can drive up to 75 pF with a typical phase margin of 45° and features 3 MHz gain bandwidth
product, 3 V/μs slew rate with 4.3 μVp-p integrated noise (0.1 to 10 Hz) while consuming only 165 μA supply
current per channel, thus providing a good AC performance at a very low power consumption. DC applications
are also well served with a low input bias current of 1 pA (typical), an input offset voltage of 0.15 mV (typical) and
a good PSRR, CMRR, and AOL.
The robust design of the OPAx310 family simplifies circuit design. These op famps feature an integrated RFI and
EMI rejection filter, unity-gain stability, and no-phase reversal in input overdrive conditions.
OPA310, OPA2310, OPA4310
SBOSAA1 – APRIL 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com