Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
7.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.5 V to 5.5 V (±0.75 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Quiescent
current per
amplifier
VS = 5.5 V, IO = 0 A
165
200
µA
TA = –40°C to 125°C
215
Power-on time
At TA = 25°C, VS = 5.5 V, VS ramp rate > 0.3 V/µs
125
μs
SHUTDOWN
IQSD
Shutdown
current per
amplifier
All amplifiers disabled, SHDN = V–
0.5
1
µA
IQSD
Shutdown
current per
amplifier
All amplifiers disabled, SHDN = V–, TA = –40℃ to 125℃
1.5
µA
ZSHDN
Output
impedance
during shutdown
Amplifier disabled
43 || 11.5
GΩ || pF
VIH
Logic high
threshold
voltage
(amplifier
enabled)
(V–) + 1.2
V
V
VIL
Logic low
threshold
voltage
(amplifier
disabled)
(V–) + 0.4
V
V
tON
Amplifier enable
time (full
shutdown) (5) (6)
G = +1, VCM = VS / 2, VO = 0.9 × VS / 2, RL connected to V–
1
µs
Amplifier enable
time (partial
shutdown) (5) (6)
G = +1, VCM = VS / 2, VO = 0.9 × VS / 2, RL connected to V–
1
tOFF
Amplifier disable
time (5)
G = +1, VCM = VS / 2, VO = 0.1 × VS / 2, RL connected to V–
1
µs
SHDN pin input
bias current (per
pin)
(V+) ≥ SHDN ≥ (V–) + 1 V
50
nA
(V–) ≤ SHDN ≤ (V–) + 0.2 V
100
(1)
Max data is specified based on characterization results.
(2)
Typical input current noise data is specified based on design simulation results
(3)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(4)
Short circuit current specified here is average of sourcing and sinking short circuit currents
(5)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(6)
Full shutdown refers to the dual OPA2310S having both channels 1 and 2 disabled (SHDN1 = SHDN2 = V–) and the quad OPA4310S
having all channels 1 to 4 disabled (SHDN12 = SHDN34 = V–). For partial shutdown, only one SHDN pin is exercised; in this mode,
the internal biasing circuitry remains operational and the enable time is shorter.
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com