Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments OPA310 Datasheet HTML 20Page - Texas Instruments OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments OPA310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. One possible
problem with this technique, however, is that a voltage divider is created with the added series resistor and any
resistor connected in parallel with the capacitive load. The voltage divider introduces a gain error at the output
that reduces the output swing.
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 8-1. Improving Capacitive Load Drive
8.3.5 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the
output voltage exceeds the rated operating voltage, because of the high input voltage or high gain. After one
of the output devices enters the saturation region, the output stage requires additional time to return to the
linear operating state which is referred to as overload recovery time. After the output stage returns to its linear
operating state, the amplifier begins to slew at the specified slew rate. Therefore, the propagation delay (in case
of an overload condition) is the sum of the overload recovery time and the slew time.
8.3.6 Input and ESD Protection
The OPAx310 family incorporates internal ESD protection circuits on all pins. For inputs, this protection primarily
consists of fail safe ESD input structures which feature no current-steering diodes connected between the input
and positive power-supply pin. This is very useful during power sequencing scenarios where input signal can be
present before the positive power supply rail. A fail safe input ESD structure prevents any short between inputs
and positive power supply.
8.3.7 Shutdown Function
The OPAx310 S devices feature SHDN pins that disable the op amp, placing it into a low-power standby mode.
In this mode, the op amp typically consumes about 500 nA at room temperature. The SHDN pins are active low,
meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 500 mV (typical) and does not change with respect to the supply voltage. Hysteresis has
been included in the switching threshold to ensure smooth switching characteristics. To ensure optimal shutdown
behavior, the SHDN pins should be driven with valid logic signals. A valid logic low is defined as a voltage
between V– and (V–) + 0.2 V. A valid logic high is defined as a voltage between (V–) + 1 V and V+. To enable
the amplifier, the SHDN pins must be driven to a valid logic high. To disable the amplifier, the SHDN pins must
be driven to a valid logic low. We highly recommend that the shutdown pin be connected to a valid high or a low
voltage or driven. The maximum voltage allowed at the SHDN pins is (V+) + 0.5 V. Exceeding this voltage level
will damage the device.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled and quad
op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature can be
used to greatly reduce the average current and extend battery life. The enable and disable time is targeted to be
under 1 µs for full shutdown of all channels. When disabled, the output assumes a high-impedance state. This
architecture allows the OPAx310S to be operated as a gated amplifier (or to have the device output multiplexed
onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To ensure shutdown (disable) within a specific shutdown time, the specified 10 kΩ load to
midsupply (VS / 2) is required.
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com