Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX629C/D Datasheet HTML 3Page - Maxim Integrated Products MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products MAX629C/D Datasheet HTML 10Page - Maxim Integrated Products MAX629C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Setting the Current Limit
External current-limit selection provides added control
over the MAX629’s output performance. A higher current
limit increases the amount of energy stored in the inductor
during each cycle, which provides a higher output current
capability. For higher output current applications, choose
the 500mA current-limit option by connecting ISET to
VCC. When lower output current is required, the 250mA
current limit can provide several advantages. First, a
smaller inductor can be used, which saves board area
and cost. Second, the smaller energy transfer per cycle
reduces output ripple for a given capacitor, providing
design flexibility between board area, cost, and output rip-
ple by allowing cheaper, higher-ESR capacitors. Connect
ISET to GND to select the 250mA current-limit option.
Inductor Selection
The MAX629’s high switching frequency allows for the
use of a small inductor. The 47μH inductor shown in
the Typical Operating Circuit is recommended for most
applications. Larger inductances reduce the peak induc-
tor current, but may limit output current capability at low
input voltages and provide slower start-up times. Smaller
inductances require less board space, but may cause
greater peak current due to current-sense comparator
propagation delay. If input voltages below 2V will be com-
mon, reducing the inductance to 22μH might improve per-
formance; however, maximum load current and efficiency
may decline. It is important to thoroughly test operation
under all input and output conditions to ensure proper
component selection.
Inductors with a ferrite core or equivalent are recom-
mended; powder iron cores are not recommended for
use with high switching frequencies. The inductor’s incre-
mental saturation rating must exceed the selected current
limit. For highest efficiency, use an inductor with a low DC
resistance (under 100mΩ). See Table 1 for a list of induc-
tor suppliers.
Figure 2. +24V for a Positive LCD Bias
Figure 3. -20V for a Negative LCD Bias
MAX629
SHDN
VOUT
+24V
VCC
+2.7V
TO +5.5V
VIN
+0.8V
TO +24V
*
C3
0.1µF
C4
0.1µF
C1
10µF
35V
C2
10µF
35V
CF
150pF
R1
576k
1%
R2
31.6k
1%
L1
47µH
D1
MBR0540L
LX
VCC
GND
FB
ISET
REF
POL
MAX629
C1
10µF
35V
C3
0.1µF
L1
47µH
R1
576k
1%
R2
35.7k
1%
D1
D1 = D2 = MBR0540L
D2
R3
2Ω
C5
2.2µF
C2
10µF
35V
CF
150pF
C4
0.1µF
VCC
+2.7V
TO +5.5V
VIN
+0.8V
TO +15V
VOUT
-20V
LX
VCC
GND
FB
REF
POL
ISET
*
SHDN
www.maximintegrated.com
Maxim Integrated │ 7
MAX629
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com