Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products MAX629C/D Datasheet HTML 10Page - Maxim Integrated Products MAX629C/D Datasheet HTML 11Page - Maxim Integrated Products MAX629C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Diode Selection
The MAX629’s high switching frequency demands a
high-speed rectifier. Schottky diodes, such as the 1N5819
or MBR0530L, are recommended. Make sure that the
diode’s peak current rating exceeds the peak current
set by ISET, and that its breakdown voltage exceeds the
output voltage. Schottky diodes are preferred due to their
low forward voltage. However, ultrahigh-speed silicon
rectifiers are also acceptable. Table 1 lists Schottky diode
suppliers.
Capacitor Selection
Output Filter Capacitor
The primary criterion for selecting the output filter capaci-
tor is low effective series resistance (ESR). The product
of the peak inductor current and the output filter capaci-
tor’s ESR determines the amplitude of the high-frequency
ripple seen on the output voltage. These requirements
can be balanced by appropriate selection of the current
limit, as discussed in the Setting the Current Limit sec-
tion. Table 1 lists some low-ESR capacitor suppliers. See
the Output Voltage Ripple graph in the Typical Operating
Characteristics section.
Input Bypass Capacitor
Although the output current of many MAX629 applications
may be relatively small, the input must be designed to
withstand current transients equal to the inductor current
limit. The input bypass capacitor reduces the peak cur-
rents drawn from the voltage source and reduces noise
caused by the MAX629’s switching action. The input
source impedance determines the size of the capaci-
tor required at the input (VIN). As with the output filter
capacitor, a low-ESR capacitor is recommended. A 10μF,
low-ESR capacitor is adequate for most applications,
although smaller bypass capacitors may also be accept-
able. Bypass the IC separately with a 0.1μF ceramic
capacitor placed as close as possible to the VCC and
GND pins.
Reference Capacitor
Bypass REF to GND with a 0.1μF ceramic capacitor for
REF currents up to 10μA. REF can source up to 100μA
of current for external loads. For 10μA ≤ IREF ≤ 100μA,
bypass REF with a 0.47μF capacitor.
Feed-Forward Capacitor
Parallel a capacitor (CF) across R1 to compensate the
feedback loop and ensure stability (Figure 2 and Figure 3).
Values up to 270pF are recommended for most applica-
tions. Choose the lowest capacitor value that ensures
stability; high capacitance values may degrade line regu-
lation.
Applications Information
Adjusting the Output Voltage
Many biasing applications require an adjustable output
voltage, which is easily obtained using the configuration
in Figure 4. In this circuit, an external bias voltage (which
may be generated by a potentiometer, a DAC, or other
means) is coupled to FB through the resistor RB. The
output voltage of this circuit is given by:
(
)
OUT
INIT
FB
BIAS
B
R1
V
V
VV
R
=
+−
where VINIT is the fixed output voltage as calculated in
the section Setting the Output Voltage, and VFB is equal
to either VREF (1.25V) for the positive configuration or
0V for the negative configuration. Proper choice of RB
provides a wide range of available output voltages using
simple external components to generate VBIAS.
Input Voltage Range
Although, in many cases, the MAX629 and the inductor
are powered from the same source, it is often advan-
tageous in battery-powered applications to power the
device from an available regulated supply and to power
the inductor directly from a battery. The MAX629 requires
a +2.7V to +5.5V supply at VCC, but the inductor can be
powered from as low as +0.8V, significantly increasing
Table 1. Component Suppliers
SUPPLIER
PHONE
FAX
CAPACITORS
AVX: TPS series
(803) 946-0690 (803) 626-3123
Matsuo: 267 series
(714) 969-2491 (714) 960-6492
Sprague: 595D series
(603) 224-1961 (603) 224-1430
DIODES
Motorola: MBR0530L
(602) 303-5454 (602) 994-6430
Nihon: EC11 FS1 series (805) 867-2555 (805) 867-2698
INDUCTORS
Coilcraft: DO1608 and
DT1608 series
(847) 639-6400 (847) 639-1469
Murata-Erie: LQH4
series
(814) 237-1431 (814) 238-0490
Sumida: CD43, CD54,
and CDRH62B series
(847) 956-0666 (847) 956-0702
TDK: NLC565050 series (847) 390-4373 (847) 390-4428
www.maximintegrated.com
Maxim Integrated │ 8
MAX629
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com