Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX629C/D Datasheet HTML 1Page - Maxim Integrated Products MAX629C/D Datasheet HTML 2Page - Maxim Integrated Products MAX629C/D Datasheet HTML 3Page - Maxim Integrated Products MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Detailed Description
The MAX629 low-power, boost DC-DC converter pro-
vides either positive or negative output voltages up to
±28V from a wide range of input voltages. It is designed
primarily for use in low-power, high-voltage applications
such as LCD biasing and set-top box varactor tuning. The
MAX629’s unique control scheme provides high efficiency
and a wide range of output voltages with only 80μA qui-
escent supply current, making it ideal for battery-powered
applications. The internal N-channel DMOS switch has
a pin-programmable current limit (250mA and 500mA),
allowing optimization of output current and component
size. Figure 1 shows the MAX629 functional diagram.
Control Scheme
A combination of peak-current limiting and a pair of one-
shots controls the MAX629 switching, determining the
maximum on-time and constant off-time. During the on-
cycle, the internal switch closes, and current through the
inductor ramps up until either the fixed 10μs maximum
on-time expires (at low input voltages) or the switch’s
peak current limit is reached. The peak switch current
limit is selectable to either 500mA (ISET = VCC) or 250mA
(ISET = GND) (see Setting the Current Limit). After the
on-cycle terminates, the switch turns off, charging the out-
put capacitor through the diode. In normal operation, the
minimum off-time is set to 1μs for positive output voltages
and 3.5μs for negative output voltages. When the output
is well below regulation, however, the off-time is increased
to 5μs to provide soft-start during start-up. The switching
frequency, which depends upon the load, can be as high
as 300kHz.
Shutdown Mode
When SHDN is low, the MAX629 enters shutdown mode.
In this mode, the feedback and control circuit, reference,
and internal biasing circuitry turn off. The shutdown cur-
rent drops to less than 1μA. SHDN is a logic-level input;
connect it to VCC for normal operation.
The output voltage behavior in shutdown mode depends
on the output voltage polarity. In the positive output
voltage configuration (Figure 2), the output is directly
connected to the input through the diode (D1) and the
inductor (L1). When the device is in shutdown mode, the
output voltage falls to one diode drop below the input
voltage, and any load connected to the output may still
conduct current. In the negative output voltage configura-
tion (Figure 3), there is no DC connection between the
input and the output, and in shutdown mode the output is
pulled to GND.
Design Procedure
Setting the Output Voltage
For either positive or negative output voltage applica-
tions, set the MAX629’s output voltage using two external
resistors, R1 and R2, as shown in Figures 2 and 3. Since
the input bias current at FB has a 50nA maximum value,
large resistors can be used in the feedback loop without
PIN
NAME
FUNCTION
1
SHDN
Active-Low Shutdown Input. A logic low puts the MAX629 in shutdown mode and reduces supply
current to 1µA.
2
POL
Polarity Input. Changes polarity and threshold of FB to allow regulation of either positive or negative
output voltages. Set POL = GND for positive output voltage or set POL = VCC for negative output
voltage.
3
REF
1.25V Reference Output. Bypass to GND with a 0.1µF capacitor for IREF ≤ 10µA. REF can source
100µA to drive external loads. For 10µA ≤ IREF ≤ 100µA, bypass REF with a 0.47µF capacitor.
4
FB
Feedback Input for setting output voltage. Connect to an external voltage divider. See Setting the
Output Voltage.
5
ISET
Current-Limit Set Input. Connect to VCC for a 500mA LX current limit or connect to GND for a 250mA
LX current limit. See Setting the Current Limit.
6
GND
Ground
7
LX
Internal N-Channel DMOS Switch Drain
8
VCC
Power-Supply Input
www.maximintegrated.com
Maxim Integrated │ 5
MAX629
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com