Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX629C/D Datasheet HTML 1Page - Maxim Integrated Products MAX629C/D Datasheet HTML 2Page - Maxim Integrated Products MAX629C/D Datasheet HTML 3Page - Maxim Integrated Products MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Supply Voltage (VCC to GND).................................-0.3V to +6V
SHDN
to GND .........................................................-0.3V to +6V
ISET, REF, FB, POL to GND.................... -0.3V to (VCC + 0.3V)
LX to GND.............................................................-0.3V to +30V
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ........................471mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
(VCC = +5V, CREF = 0.1μF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Input Voltage (Note 2)
2.7
5.5
V
VCC Supply Current
VFB = 1.3V
80
120
µA
VCC Shutdown Current
SHDN
= GND
0.04
1
µA
VCC Undervoltage Lockout
100mV hysteresis
2.3
2.5
2.65
V
Input Supply Voltage (Note 2)
Voltage applied to L1 (VIN)
0.8
|VOUT|
V
SHDN
, POL, ISET Logic
Levels
VIH
2.4
V
VIL
0.4
Positive Output Voltage
Circuit of Figure 2
28
V
Negative Output Voltage
Circuit of Figure 3
-|VIN|
-28
V
LX Switch-Current Limit
ISET = VCC
0.39
0.45
0.51
A
ISET = GND
0.20
0.25
0.33
LX On-Resistance
VCC = 5V
0.6
1.2
Ω
VCC = 3.3V
0.7
1.4
LX Leakage Current
VLX = 28V, TA = +85°C
0.05
2.5
µA
Maximum LX On-Time
6.5
8.5
10.0
µs
Minimum LX Off-Time
POL = GND
0.7
1.0
1.3
µs
POL = VCC
2.0
3.2
3.8
POL = GND, VFB < 1V
3.0
4.5
6.0
POL = VCC, VFB > 0.25V
3.0
4.5
6.0
FB Set Point
POL = GND (positive
output)
TA = 0°C to +85°C
1.225
1.250
1.275
V
TA = -40°C to +85°C
1.218
1.282
POL = VCC (negative
output)
TA = 0°C to +85°C
-15
0
15
mV
TA = -40°C to +85°C
-25
25
FB Input Bias Current
5
50
nA
REF Output Voltage
VCC = 2.7V to 5.5V,
no load on REF
TA = 0°C to +85°C
1.225
1.250
1.275
V
TA = -40°C to +85°C
1.218
1.282
Package Code
S8-4
Outline Number
21-0041
Land Pattern Number
90-0096
Thermal Resistance, Single-Layer Board:
Junction to Ambient θJA (C/W)
132°
Junction to Case θJC (C/W)
38°
www.maximintegrated.com
Maxim Integrated │ 2
MAX629
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com