Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products MAX629C/D Datasheet HTML 10Page - Maxim Integrated Products MAX629C/D Datasheet HTML 11Page - Maxim Integrated Products MAX629C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
usable battery life. Using separate supplies for VCC and
VIN also reduces noise injection onto VCC by isolating it
from the switching transients, allowing a smaller, less-
expensive input filter capacitor to be used in many appli-
cations. If input voltages below 2V will be common, reduc-
ing the inductor to 22μH may improve performance in this
voltage range, at the potential cost of some decrease in
maximum load current and efficiency.
In the negative configuration shown in Figure 3, the invert-
ing charge pump injects current into LX with each cycle.
The amount of charge injected increases at higher VIN,
and may prematurely trip the internal currentlimit thresh-
old. Resistor R3 increases the usable input voltage range
by limiting the peak injected current. The 2Ω resistor
shown provides a usable input voltage range beyond VIN
= 15V. In applications with a different input voltage range,
R3 can be increased or decreased as necessary, with a
resulting efficiency change of roughly 0.5%/Ω.
Layout Considerations
Proper PC board layout is essential due to high current
levels and fast switching waveforms that radiate noise.
It is recommended that initial prototyping be performed
using the MAX629 evaluation kit or equivalent PC board-
based design. Breadboards or proto-boards should never
be used when prototyping switching regulators. It is impor-
tant to connect the GND pin, the input bypass-capacitor
ground lead, and the output filter capacitor ground lead
to a single point (star ground configuration) to minimize
ground noise and improve regulation. Also, minimize lead
lengths to reduce stray capacitance, trace resistance, and
radiated noise, with preference given to the feedback cir-
cuit, the ground circuit, and LX. Place R1 and R2 as close
to the feedback pin as possible. Place the input bypass
capacitor as close as possible to VCC and GND.
Refer to the MAX629 evaluation kit data sheet for an
example of proper board layout.
Figure 4. Adjustable Output Voltage
MAX629
VOUT
VBIAS
R2
( ) ARE FOR NEGATIVE OUTPUT VOLTAGE CONFIGURATIONS.
RB
R1
FB
GND
(REF)
www.maximintegrated.com
Maxim Integrated │ 9
MAX629
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com