Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS10 Datasheet(PDF) 7 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 3Page - Supertex, Inc PS10 Datasheet HTML 4Page - Supertex, Inc PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PS10/PS11
7
A051204
The following waveforms demonstrate the sequencing of
the PWRGD flags:
PWRGD Timing (PS11)
Test conditions: VIN = 48V, CRAMP = 10nF,
RTB = 118k, RTC = 59k, and RTD = 46.4k.
PWRGD Timing (Minimum Delays)
Test conditions: VIN = 48V, CRAMP = 10nF, RTB = 3.24k,
RTC = 3.24k, RTD = 3.24k, RPULL-UP = 47k.
PWRGD Timing (Maximum Delays)
Test conditions: VIN = 48V, CRAMP = 10nF, RTB = 118k,
RTC = 118k, RTD = 118k, RPULL-UP = 47k.
PS11 Power Down Sequence after UVOFF
Test conditions: CRAMP = 10nF, RTB = 3.24k, RTC = 3.24k,
RTD = 3.24k, RPULL-UP = 47k, CPWRGD_B = 0.47
µF, CPWRGD_C
= 0.94
µF, CPWRGD_D = 1.41µF, VUVOFF = 33.4V, the as-
sumed brick turn-off threshold is 2.7V min TTL logic high.
See power down sequencing on Page 11.
Relative to Negative Rail
Relative to Negative Rail
Relative to Negative Rail
Relative to Negative Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com