Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS10 Datasheet(PDF) 5 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 5 Page - Supertex, Inc

  PS10 Datasheet HTML 1Page - Supertex, Inc PS10 Datasheet HTML 2Page - Supertex, Inc PS10 Datasheet HTML 3Page - Supertex, Inc PS10 Datasheet HTML 4Page - Supertex, Inc PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS10/PS11
5
A051204
UVOFF = VUVL = 1.12 = (VEEUV(off)) x (R2+R3)/(R1+R2+R3)
OVOFF = VOVL = 1.22 = (VEEOV(off)) x R3/(R1+R2+R3)
Where (VEEUV(off)) and (VEEOV(off)) relative to VEE are Under
and Over Voltage Shut Down Threshold points.
If we select a divider current of 100
µA at a nominal oper-
ating input voltage of 50 Volts, then
R1+R2+R3 = 50V/100
µA = 500kΩ
From the second equation, for an OV shut down threshold
of 65V, the value of R3 may be calculated.
OVOFF = 1.22 = (65xR3)/500k
R3 = (1.22x 500k)/65 = 9.38k
The closest 1% value is 9.31k
Ω.
From the first equation, for a UV shut down threshold of
35V, the value of R2 can be calculated.
UVOFF = 1.12 = 35 x (R2+R3)/ 500k
R2 = ((1.12 x 500k)/35) – 9.76k = 6.69k
6.65k
Ω is a standard 1% value
Then
R1 = 500k – R2 – R3 = 484.04k
Ω.
487k
Ω, is a standard 1% value.
From the calculated resistor values the OV and UV start
up threshold voltages can be calculated as follows:
UVON = VUVH = 1.22 = (VEEUV(on)) x (R2+R3)/(R1+R2+R3)
OVON = VOVL = 1.12 = (VEEOV(on)) x R3/(R1+R2+R3)
Where (VEEUV(on)) and (VEEOV(on)) are Under and Over Volt-
age Start Up Threshold points relative to VEE.
Then
(VEEUV(on)) = 1.22 x (R1+R2+R3)/(R2+R3)
(VEEUV(on)) = 1.22 x (487k+6.65k+9.31k)/(6.65k+9.31k )
= 38.45V
And
(VEEOV(on)) = 1.12 x (R1+R2+R3)/R3
(VEEOV(on) ) = 1.12 x (487k +6.65k +9.31k)/9.31k = 60.51V
Therefore, the circuit will start when the input supply volt-
age is in the range of 38.45V to 60.51V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com