Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS10 Datasheet(PDF) 1 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 1 Page - Supertex, Inc

  PS10 Datasheet HTML 1Page - Supertex, Inc PS10 Datasheet HTML 2Page - Supertex, Inc PS10 Datasheet HTML 3Page - Supertex, Inc PS10 Datasheet HTML 4Page - Supertex, Inc PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PS10/PS11
1
Quad Power Sequencing Controller
Features
Sequencing of Four or More* Supplies, ICs, or Sub-
systems
Independently Programmable Delays Between Open
Drain PWRGD Flags (5ms to 200ms)
±10V to ±90V Operation
Tracking in Combination with Schottky Diodes
Input Supervisors Including:
o
UV/OV Lock Out/Enable
o
Power-On-Reset (POR)
Low Power Consumption, 0.4mA Supply Current
Small SO-14 Package
*By Daisy-Chaining PS10/11’s
Applications
Power Supply Sequencing
-48V Telecom and Networking Distributed Systems
-24V Cellular and Fixed Wireless Systems
-24V PBX Systems
+48V Storage Systems
FPGA, Microprocessor Tracking
Industrial/Embedded System Timing/Sequencing
High Voltage MEMs Driver’s Supply Sequencing
High Voltage Display Driver’s Supply Sequencing
Description
Many of today’s high performance FPGA’s, Microproces-
sors, DSP and industrial/embedded subsystems require
sequencing of the input power. Historically this has been
accomplished: i) discretely using comparators, references
& RC circuits; ii) using expensive programmable control-
lers; or iii) with low voltage sequencers requiring resistor
drop downs and several high voltage optocoupler or level
shift components.
The PS10/11 saves board space, improves accuracy,
eliminates optocouplers or level shifts and reduces overall
component count by combining four timers, programmable
input UV/OV supervisors, a programmable POR and four
90V open drain outputs. A high reliability, high voltage,
junction isolated process allows the PS10/11 to be con-
nected directly across the high voltage input rails.
The power-on-reset interval (POR) may be programmed
by a capacitor on Cramp. To sequence additional sys-
tems, PS10/11 may be daisy chained together. If at any
time the input supply falls outside the UV/OV detector
range the PWRGD outputs will immediately become IN-
ACTIVE. Down sequencing may be accomplished with
additional components (see page 11).
The PS10/PS11 is available in a space saving SO-14
package.
PS10 - Active High
PS11 - Active Low
A051204
Relative to Negative Rail
Typical Application Circuit
Waveform
(49.9k pull-up on PS11 PWRGD pins)
Initial Release
RTB
9.76K
6.81K
487K
RTD
RTC
/EN
DC/DC
CONVERTER
DC/DC
CONVERTER
DC/DC
CONVERTER
/EN
/EN
DC/DC
CONVERTER
TB
OV
UV
V
/EN
TC
PWRGD-C / PWRGD-C
PWRGD-D / PWRGD-D
TD
PWRGD-A / PWRGD-A
PWRGD-B / PWRGD-B
COM
COM
COM
+2.5V
+3.3V
+5V
+12V
PS10/PS11
COM
-48V or GND
GND or +48V
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
10nF
Ramp
V
13
10
4
3
2
1
14
6
5
7
11
12
EE
IN
Supertex, Inc.
• 1235 Bordeaux Drive, Sunnyvale, CA 94089 • Tel: (408) 222-8888 • FAX: (408) 222-4895 • www.supertex.com


Similar Part No. - PS10

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PS10 ALLIED-PS10 Datasheet
420Kb / 1P
Power Shielded Inductors
PS10-100M-RC ALLIED-PS10-100M-RC Datasheet
419Kb / 1P
Power Shielded Inductors
PS10-100M-RC ALLIED-PS10-100M-RC Datasheet
420Kb / 1P
Power Shielded Inductors
PS10-101M-RC ALLIED-PS10-101M-RC Datasheet
419Kb / 1P
Power Shielded Inductors
PS10-101M-RC ALLIED-PS10-101M-RC Datasheet
420Kb / 1P
Power Shielded Inductors
More results

Similar Description - PS10

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
-48V Programmable Hot Swap Sequencing Power Controller
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
logo
Supertex, Inc
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
Quad Power Sequencing Controller
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Supertex, Inc
PS10NG SUTEX-PS10NG Datasheet
652Kb / 9P
Quad Power Sequencing Controller
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
Power Sequencing Controller
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com