Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS10 Datasheet(PDF) 13 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc PS10 Datasheet HTML 12Page - Supertex, Inc PS10 Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Package Outlines
1235 B ordeaux Drive, S unnyvale, C A 94089
T E L: (408) 222-8888 / F AX: (408) 222-4895
www.s upertex.com
A050604
©2004 S upertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
T Y P.
0
° - 8 °
45
°
7
° (4 P LC S )
0.340
± 0.005
(8.636
± 0.127)
D
B
0.017
± 0.003
(0.4318
± 0.0762)
0.156
± 0.002
(3.9624
± 0.0508)
E
0.500
(12.700)
T Y P.
0.350
(8.890)
0.2335
± 0.0105
(5.9309
± 0.2667)
H
0.063
± 0.005
(1.600
± 0.127)
A
T Y P.
0.050
(1.270)
e
A1
0.006
± 0.002
(0.1524
± 0.0508)
D1
0.193
± 0.012
(4.9022
± 0.3048)
0.020
± 0.009
(0.508
± 0.2286)
h
C
0.006
± 0.004
(0.1524
± 0.1016)
0.035
± 0.015
(0.889
± 0.381)
L
L1
0.0275
± 0.0025
(0.6985
± 0.0635)
Note: C ircle (e.g. B ) indicates J E DE C R eference.
Dimens ions in Inches
(Dimens ions in Millimeters )
Meas urement Legend =
14-LEAD SO PACKAGE (NG) (NARROW BODY)
Doc. #: DSPD14SONG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com